Electronic Components Datasheet Search
  English  ▼

X  

IRFP048R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFP048R
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP048R Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFP048R Datasheet HTML 1Page - Vishay Siliconix IRFP048R Datasheet HTML 2Page - Vishay Siliconix IRFP048R Datasheet HTML 3Page - Vishay Siliconix IRFP048R Datasheet HTML 4Page - Vishay Siliconix IRFP048R Datasheet HTML 5Page - Vishay Siliconix IRFP048R Datasheet HTML 6Page - Vishay Siliconix IRFP048R Datasheet HTML 7Page - Vishay Siliconix IRFP048R Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91199
www.vishay.com
S-Pending-Rev. A, 16-Jun-08
WORK-IN-PROGRESS
1
Power MOSFET
IRFP048R, SiHFP048R
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Isolated Central Mounting Hole
• 175 °C Operating Temperature
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The TO-247 package is preferred for commercial-industrial
applications where higher power levels preclude the use of
TO-220 devices. The TO-247 is similar but superior to the
earlier TO-218 package because its isolated mounting hole.
It also provides greater creepage distances between pins to
meet the requirements of most safety specifications.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 43 µH, RG = 25 Ω, IAS = 73 A (see fig. 12).
c. ISD ≤ 72 A, dI/dt ≤ 200 A/µs, VDD ≤ VDS, TJ ≤ 175 °C.
d. 1.6 mm from case.
e. Current limited by the package (die current = 73 A)
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (Ω)VGS = 10 V
0.018
Qg (Max.) (nC)
110
Qgs (nC)
29
Qgd (nC)
38
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-247
Lead (Pb)-free
IRFP048RPbF
SiHFP048R-E3
SnPb
IRFP048R
SiHFP048R
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currente
VGS at 10 V
TC = 25 °C
ID
70
A
Continuous Drain Current
TC = 100 °C
52
Pulsed Drain Currenta
IDM
290
Linear Derating Factor
1.3
W/°C
Single Pulse Avalanche Energyb
EAS
200
mJ
Maximum Power Dissipation
TC = 25 °C
PD
190
W
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)d
for 10 s
300
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRFP048R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP048R VISHAY-IRFP048R Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
IRFP048R VISHAY-IRFP048R Datasheet
1Mb / 9P
Power MOSFET
14-Mar-11
logo
Inchange Semiconductor ...
IRFP048R ISC-IRFP048R Datasheet
444Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP048R VISHAY-IRFP048R Datasheet
1Mb / 11P
Power MOSFET
18-Jan-16
logo
International Rectifier
IRFP048RPBF IRF-IRFP048RPBF Datasheet
2Mb / 8P
HEXFET Power MOSFET
More results

Similar Description - IRFP048R

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com