Electronic Components Datasheet Search
  English  ▼

X  

MAL214856471E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL214856471E3
Description  Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214856471E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  MAL214856471E3 Datasheet HTML 1Page - Vishay Siliconix MAL214856471E3 Datasheet HTML 2Page - Vishay Siliconix MAL214856471E3 Datasheet HTML 3Page - Vishay Siliconix MAL214856471E3 Datasheet HTML 4Page - Vishay Siliconix MAL214856471E3 Datasheet HTML 5Page - Vishay Siliconix MAL214856471E3 Datasheet HTML 6Page - Vishay Siliconix MAL214856471E3 Datasheet HTML 7Page - Vishay Siliconix MAL214856471E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions contact: aluminumcaps1@vishay.com
Document Number: 28315
112
Revision: 04-Jan-08
148 RUS
Vishay BCcomponents
Aluminum Capacitors
Radial, Ultra High CV per Volume, Semi-Professional
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR =6.3 to 25 V
UR =35V
UR = 50 to 100 V
50
0.95
0.85
0.80
100
1.00
1.00
1.00
300
1.07
1.20
1.25
1000
1.12
1.30
1.40
3000
1.15
1.35
1.50
≥ 10 000
1.20
1.40
1.60
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied
case
∅ D = 10 mm: 1000 hours
case
∅ D ≥ 12.5 mm: 2000 hours
UR =6.3 V; ΔC/C: + 15 /- 30 %
UR ≥ 10 V; ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied
case
∅ D = 10 mm: 2000 hours
case Ø D
≥ 12.5 mm: 3000 hours
UR =6.3 V; ΔC/C: + 45 /- 50 %
UR ≥ 10 V; ΔC/C: ± 45 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
1000 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
UR =6.3 V; ΔC/C: + 15 / - 30 %
UR ≥ 10 V; ΔC/C: ± 20 %
tan
δ≤ 2 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ 2 x spec. limit
Surge
IEC 60384-4/
EN130300
subclause 4.14
from source of 1.15 x UR:
RC = 0.1 ± 0.05 s; 1000 cycles of 30 s on,
330 s off, at 105 °C
ΔC/C: ± 20 %
tan
δ≤ 1.5 x spec. limit
IL5 ≤ spec. limit
Reverse voltage
IEC 60384-4/
EN130300
subclause 4.15
Tamb = 105 °C:
125 h at U = - 1 V, followed by 125 hours at UR
ΔC/C: ± 15 %
tan
δ≤ 1.5 x spec. limit
IL5 ≤ spec. limit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com