Electronic Components Datasheet Search
  English  ▼

X  

IL5 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IL5
Description  Optocoupler, Phototransistor Output, with Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL5 Datasheet(HTML) 6 Page - Vishay Siliconix

  IL5 Datasheet HTML 1Page - Vishay Siliconix IL5 Datasheet HTML 2Page - Vishay Siliconix IL5 Datasheet HTML 3Page - Vishay Siliconix IL5 Datasheet HTML 4Page - Vishay Siliconix IL5 Datasheet HTML 5Page - Vishay Siliconix IL5 Datasheet HTML 6Page - Vishay Siliconix IL5 Datasheet HTML 7Page - Vishay Siliconix IL5 Datasheet HTML 8Page - Vishay Siliconix IL5 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 08-May-08
299
IL1/IL2/IL5
Optocoupler, Phototransistor Output,
with Base Connection
Vishay Semiconductors
Fig. 11 - Collector Emitter Leakage Current vs.Temperature
Fig. 12 - Normalized CTRcb vs. LED Current and Temperature
Fig. 13 - Collector Base Photocurrent vs. LED Current
Fig. 14 - Normalized Photocurrent vs. IF and Temperature
Fig. 15 - Normalized Non-Saturated hFE vs. Base Current and
Temperature
Fig. 16 - Normalized Saturated hFE vs. Base Current and
Temperature
iil1_11
- 20
20
40
60
80
100
105
104
103
102
101
100
10-1
10-2
TA - Ambient Temperature (°C)
Typical
VCE = 10 V
Worst
case
0
iil1_12
0.1
1
10
100
0.0
0.5
1.0
1.5
25 °C
50 °C
70 °C
IF - LED Current (mA)
IF = 10 mA
Vcb = 9.3 V
Normalized to:
iil1_13
100
10
1
0.1
0.01
0.1
1
10
100
1000
IF - LED Current (mA)
Icb = 1.0357 * IF ^ 1.3631
iil1_14
0.1
1
10
100
0.01
0.1
1
10
IF - LED Current (mA)
Normalized to:
IF = 10 mA
A = - 20 °C
NIB-TA = 25 °C
NIB-TA = 50 °C
NIB-TA = 70 °C
NIB-T
iil1_15
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
Ib - Base Current (µA)
Ib = 20 µA
VCE = 10 V
- 20 °C
50 °C
70 °C
Normalized to:
25 °C
iil1_16
1
10
100
1000
0.0
0.5
1.0
1.5
IB - Base Current (µA)
VCE = 0.4 V
Normalized to:
VCE = 10 V
IB = 20 µA
70 °C
50 °C
25 °C
- 20 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com