Electronic Components Datasheet Search
  English  ▼

X  

IL201 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL201
Description  Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL201 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL201 Datasheet HTML 1Page - Vishay Siliconix IL201 Datasheet HTML 2Page - Vishay Siliconix IL201 Datasheet HTML 3Page - Vishay Siliconix IL201 Datasheet HTML 4Page - Vishay Siliconix IL201 Datasheet HTML 5Page - Vishay Siliconix IL201 Datasheet HTML 6Page - Vishay Siliconix IL201 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83613
312
Rev. 1.5, 08-May-08
IL201/IL202/IL203
Vishay Semiconductors
Optocoupler, Phototransistor Output,
Low Input Current, Low Input Current,
with Base Connection
Fig. 13 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
Fig. 14 - Normalized Non-Saturated hFE vs. Base Current and
Temperature
PACKAGE DIMENSIONS in inches (millimeters)
iil201_13
0.1
10
100
0.0
0.1
1.0
1.5
2.0
VCE = 0.4 V
Normalized to:
1
Ta = 25 °C
VCE = 5 V
IF = 1 mA
IF - LED Current (mA)
VCE = 5 V
iil201_14
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
Ib - Base Current (µA)
Ib = 20 µA
VCE = 10 V
Ta = 25 °C
- 20 °C
25 °C
50 °C
70 °C
Normalized to:
i178004
0.010 (0.25)
typ.
0.114 (2.90)
0.130 (3.0)
0.130 (3.30)
0.150 (3.81)
0.031 (0.80) min.
0.300 (7.62)
typ.
0.031 (0.80)
0.035 (0.90)
0.100 (2.54) typ.
0.039
(1.00)
min.
0.018 (0.45)
0.022 (0.55)
0.048
0.022 (0.55)
0.248 (6.30)
0.256 (6.50)
0.335 (8.50)
0.343 (8.70)
Pin one ID
6
5
4
1
2
3
18°
3° to 9°
0.300 to 0.347
(7.62 to 8.81)
4°
typ.
ISO method A
(0.45)
0.315 (8.0)
min.
0.300 (7.62)
typ.
0.180 (4.6)
0.160 (4.1)
0.331 (8.4)
min.
0.406 (10.3)
max.
0.028 (0.7)
Option 7
18494
min.
0.315 (8.00)
0.020 (0.51)
0.040 (1.02)
0.300 (7.62)
ref.
0.375 (9.53)
0.395 (10.03)
0.012 (0.30) typ.
0.0040 (0.102)
0.0098 (0.249)
15° max.
Option 9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com