Electronic Components Datasheet Search
  English  ▼

X  

IL202 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL202
Description  Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL202 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL202 Datasheet HTML 1Page - Vishay Siliconix IL202 Datasheet HTML 2Page - Vishay Siliconix IL202 Datasheet HTML 3Page - Vishay Siliconix IL202 Datasheet HTML 4Page - Vishay Siliconix IL202 Datasheet HTML 5Page - Vishay Siliconix IL202 Datasheet HTML 6Page - Vishay Siliconix IL202 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Document Number: 83613
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 08-May-08
311
IL201/IL202/IL203
Optocoupler, Phototransistor Output,
Low Input Current, Low Input Current,
with Base Connection
Vishay Semiconductors
Fig. 7 - Collector Emitter Leakage Current vs.Temperature
Fig. 8 - Normalized CTRcb vs. LED Current and Temperature
Fig. 9 - Collector Base Photocurrent vs. LED Current
Fig. 10 - Normalized Photocurrent vs. IF and Temperature
Fig. 11 - Normalized Saturated hFE vs. Base Current and
Temperature
Fig. 12 - Propagation Delay vs. Collector Load Resistor
iil201_07
100
80
60
40
20
0
- 20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
TA - Ambient Temperature (°C)
VCE = 10 V
Typical
iil201_08
0.1
1
10
100
0.0
0.5
1.0
1.5
50 °C
70 °C
Normalized to:
IF = 10 mA
Vcb = 9.3 V
Ta = 25 °C
25 °C
IF - LED Current (mA)
iil201_09
100
10
1
0.1
0.01
0.1
1
10
100
1000
Icb = 1.0357 * IF ^ 1.3631
Ta = 25 °C
IF - LED Current (mA)
iil201_10
100
10
1
0.1
0.01
0.1
1
10
Normalized to:
I
F = 10 mA, Ta = 25 °C
IF - LED Current (mA)
NIB-Ta = - 20 °C
NIb,Ta = 25 °C
NIb,Ta = 50 °C
NIb,Ta = 70 °C
iil201_11
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
25 °C
50 °C
70 °C
Ib - Base Current (µA)
VCE = 0.4 V
Ib = 20 µA
VCE = 10 V
Ta = 25 °C
Normalized to:
iil201_11
RL - Collector Load Resistor (k
Ω)
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
Ta = 25 °C, IF = 10 mA
VCC = 5 V, Vth = 1.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com