Electronic Components Datasheet Search
  English  ▼

X  

IL221AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL221AT
Description  Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL221AT Datasheet(HTML) 1 Page - Vishay Siliconix

  IL221AT Datasheet HTML 1Page - Vishay Siliconix IL221AT Datasheet HTML 2Page - Vishay Siliconix IL221AT Datasheet HTML 3Page - Vishay Siliconix IL221AT Datasheet HTML 4Page - Vishay Siliconix IL221AT Datasheet HTML 5Page - Vishay Siliconix IL221AT Datasheet HTML 6Page - Vishay Siliconix IL221AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Optocoupler, Photodarlington Output,
Low Input Current, High Gain, with Base Connection
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83617
330
Rev. 1.8, 08-May-08
IL221AT/222AT/223AT
Vishay Semiconductors
DESCRIPTION
The IL221AT/IL222AT/IL223AT is a high current transfer
ratio (CTR) optocoupler with a gallium arsenide infrared LED
emitter and a silicon NPN photodarlington transistor
detector.
The device has a CTR tested at 1.0 mA LED current. This
low drive current permits easy interfacing from CMOS to
LSTTL or TTL.
This optocoupler is constructed in a standard SOIC-8 foot
print which makes it ideally suited for high density
applications.
In
addition
to
eliminating
through-hole
requirements, this package conforms to standards for
surface mount devices.
FEATURES
• Isolation test voltage, 4000 VRMS
• Industry standard SOIC-8 surface mountable
package
• Standard lead spacing, 0.05"
• Available only on tape and reel (conforms to
EIA standard RS481A)
• Compatible with dual wave, vapor phase and IR reflow
soldering
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code Y
• CUL - file no. E52744, equivalent to CSA bulletin 5A
• DIN EN 60747-5-5 available with option 1
i179022
A
C
NC
NC
NC
B
C
E
1
2
3
4
8
7
6
5
ORDER INFORMATION
PART
REMARKS
IL221AT
CTR > 100 %, SOIC-8
IL222AT
CTR > 200 %, SOIC-8
IL223AT
CTR > 500 %, SOIC-8
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Peak reverse voltage
VR
6.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
90
mW
Derate linearly from 25 °C
1.2
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
30
V
Emitter collector breakdown voltage
BVECO
5.0
V
Collector base breakdown voltage
BVCBO
70
V
ICMAX DC
ICMAX DC
50
mA
ICMAX
t < 1.0 ms
ICMAX
100
mW
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2.0
mW/°C


Similar Part No. - IL221AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL221AT VISHAY-IL221AT Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
IL221AT VISHAY-IL221AT Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
IL221AT VISHAY-IL221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
More results

Similar Description - IL221AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11B1 VISHAY-H11B1 Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output, High Gain, With Base Connection
26-Oct-04
H11B1 VISHAY-H11B1_08 Datasheet
116Kb / 7P
Optocoupler, Photodarlington Output, High Gain, with Base Connection
08-May-08
MCA230 VISHAY-MCA230 Datasheet
118Kb / 6P
Optocoupler, Photodarlington Output, High Gain, with Base Connection
09-Jan-08
VO221AT VISHAY-VO221AT Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
4N32 VISHAY-4N32_11 Datasheet
125Kb / 6P
Optocoupler, Photodarlington Output, High Gain With Base Connection
15-Feb-11
IL221AT VISHAY-IL221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
VO221AT VISHAY-VO221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
VO221AT VISHAY-VO221AT_V02 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
22-Nov-12
4N32 VISHAY-4N32_V02 Datasheet
118Kb / 6P
Optocoupler, Photodarlington Output, High Gain, With Base Connection
30-Nov-17
IL221AT VISHAY-IL221AT_V02 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com