Electronic Components Datasheet Search
  English  ▼

X  

IL4108 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL4108
Description  Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4108 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL4108 Datasheet HTML 1Page - Vishay Siliconix IL4108 Datasheet HTML 2Page - Vishay Siliconix IL4108 Datasheet HTML 3Page - Vishay Siliconix IL4108 Datasheet HTML 4Page - Vishay Siliconix IL4108 Datasheet HTML 5Page - Vishay Siliconix IL4108 Datasheet HTML 6Page - Vishay Siliconix IL4108 Datasheet HTML 7Page - Vishay Siliconix IL4108 Datasheet HTML 8Page - Vishay Siliconix IL4108 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83627
2
Rev. 1.6, 09-Jan-08
IL410/IL4108
Vishay Semiconductors Optocoupler, Phototriac Output, Zero
Crossing,
High dV/dt, Low Input Current
Note
For additional information on the available options refer to option information.
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
IL4108-X006
800 V VDRM, DIP-6 400 mil (option 6)
IL4108-X007
800 V VDRM, SMD-6 (option 7)
IL4108-X009
800 V VDRM, SMD-6 (option 9)
ORDER INFORMATION
PART
REMARKS
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate from 25 °C
1.33
mW/°C
OUTPUT
Peak off-state voltage
IL410
VDM
600
V
IL4108
VDM
800
V
RMS on-state current
ITM
300
mA
Single cycle surge current
3.0
A
Total power dissipation
Pdiss
500
mW
Derate from 25 °C
6.6
mW/°C
COUPLER
Isolation test voltage (between emitter
and detector, climate per DIN 500414,
part 2, Nov. 74)
t = 1.0 min
VISO
5300
VRMS
Pollution degree (DIN VDE 0109)
2
Creepage distance
≥ 7.0
mm
Clearance distance
≥ 7.0
mm
Comparative tracking index per
DIN IEC 112/VDE 0303 part 1, group IIIa
per DIN VDE 6110
CTI
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature
Tamb
- 55 to + 100
°C
Soldering temperature (2)
max.
≤ 10 s dip soldering
≥ 0.5 mm from case bottom
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com