Electronic Components Datasheet Search
  English  ▼

X  

MBR0540 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MBR0540
Description  Schottky Diode, 0.5 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR0540 Datasheet(HTML) 3 Page - Vishay Siliconix

  MBR0540 Datasheet HTML 1Page - Vishay Siliconix MBR0540 Datasheet HTML 2Page - Vishay Siliconix MBR0540 Datasheet HTML 3Page - Vishay Siliconix MBR0540 Datasheet HTML 4Page - Vishay Siliconix MBR0540 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 93436
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
3
MBR0540
Schottky Diode, 0.5 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage (Per Leg)
Fig. 4 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - Pd x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 4)
1
10
0.01
0.1
VFM - Forward Voltage Drop (V)
0.2
0.4
0.6
0.8
1.0
0
TJ = 150 °C
TJ = 125 °C
TJ = 25 °C
0.001
0.0001
1
10
100
0.1
0.01
VR - Reverse Voltage (V)
10
515
20
35
40
25
30
0
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
10
100
1000
VR - Reverse Voltage (V)
10
20
40
30
0
T
J = 25 °C
80
90
100
110
120
130
140
160
150
IF(AV) - Average Forward Current (A)
0.2
0.4
0.6
0.8
0
DC
See note (1)
Square wave
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
0
0.3
0.2
0.1
0.4
IF(AV) - Average Forward Current (A)
0.2
0.4
0.8
0.6
0
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
1
10
100
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com