Electronic Components Datasheet Search
  English  ▼

X  

200D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 200D
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

200D Datasheet(HTML) 2 Page - Vishay Siliconix

  200D Datasheet HTML 1Page - Vishay Siliconix 200D Datasheet HTML 2Page - Vishay Siliconix 200D Datasheet HTML 3Page - Vishay Siliconix 200D Datasheet HTML 4Page - Vishay Siliconix 200D Datasheet HTML 5Page - Vishay Siliconix 200D Datasheet HTML 6Page - Vishay Siliconix 200D Datasheet HTML 7Page - Vishay Siliconix 200D Datasheet HTML 8Page - Vishay Siliconix 200D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Document Number: 40027
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 14-Oct-05
105
200D, 202D
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX® Components
TANTAPAK® Capacitor Assemblies
Vishay
DIMENSIONS in inches [millimeters]
CASE
CODE
H
CASE HEIGHT
TYPICAL
WEIGHT (g)
A1
1.062 [26.97]
45
A2
1.375 [34.93]
60
A3
1.625 [41.28]
80
A4
2.000 [50.80]
100
A5
2.500 [63.50]
125
B1
1.500 [38.10]
170
B2
1.875 [47.63]
210
B3
2.250 [57.15]
250
B4
2.625 [66.68]
290
B5
3.000 [76.20]
335
B6
3.375 [85.73]
380
B7
3.750 [95.25]
420
D3
1.625 [41.28]
120
Series “D” Case
45°
CL
C
L
0.281 ± 0.062
[7.14 ± 1.57]
0.140 ± 0.031
[3.56 ± 0.79]
0.531 ± 0.031
[13.49 ± 0.79]
0.265 ± 0.015
[6.73 ± 0.38]
0.138 [3.51] NOM.
(6-32 NC 2A THD.)
0.140 x 0.125
[1.57 x 3.18] HOLE
0.375 ± 0.062
[9.53 ± 1.57]
H ± 0.031
[0.79]
0.875 ± 0.031
[22.23 ± 0.79]
0.875 ± 0.031
[22.23 ± 0.79]
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
TYPE 200D
PART NUMBER (1)
TYPE 202D
MAX. ESR
at + 25 °C
(
Ω)
MAX. IMP.
at - 55 °C
(
Ω)
MAX. RMS
RIPPLE
120 Hz (A)
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C
960.0
A1
200D967X0015A1
202D967X0015A1
0.25
3.1
1.17
1200.0
A2
200D128X0015A2
202D128X0015A2
0.21
2.3
1.45
1400.0
A3
200D148X0015A3
202D148X0015A3
0.18
1.7
1.67
1600.0
A1
200D168X0015A1
202D168X0015A1
0.25
4.2
1.20
2100.0
A2
200D218X0015A2
202D218X0015A2
0.19
3.1
1.52
2100.0
A4
200D218X0015A4
202D218X0015A4
0.12
1.3
2.22
2200.0
D3
-
202D228X0015D3
0.30
5.8
1.14
2400.0
A5
200D248X0015A5
202D248X0015A5
0.10
1.15
2.66
2700.0
A3
200D278X0015A3
202D278X0015A3
0.15
2.5
1.83
3200.0
A4
200D328X0015A4
202D328X0015A4
0.13
2.1
2.13
3300.0
B1
-
202D338X0015B1
0.14
3.2
2.17
4300.0
A5
200D438X0015A5
202D438X0015A5
0.095
1.6
2.73
4500.0
B2
-
202D458X0015B2
0.11
2.4
2.65
5600.0
B3
-
202D568X0015B3
0.085
1.9
3.24
6700.0
B4
-
202D678X0015B4
0.070
1.6
3.80
7800.0
B5
-
202D788X0015B5
0.061
1.4
4.28
9000.0
B6
-
202D908X0015B6
0.053
1.2
4.84
10 000.0
B7
-
202D109X0015B7
0.047
1.1
5.38
20 WVDC at + 85 °C . . . 13 WVDC at + 125 °C
1300.0
A1
200D138X0020A1
202D138X0020A1
0.25
5.0
1.20
1700.0
A2
200D178X0020A2
202D178X0020A2
0.19
3.8
1.52
1900.0
D3
-
202D198X0020D3
0.21
5.0
1.36
2200.0
A3
200D228X0020A3
202D228X0020A3
0.15
3.0
1.83
2700.0
A4
200D278X0020A4
202D278X0020A4
0.13
2.5
2.13
2800.0
B1
-
202D288X0020B1
0.14
3.3
2.17
3500.0
A5
200D358X0020A5
202D358X0020A5
0.094
1.9
2.75
3800.0
B2
-
202D388X0020B2
0.11
2.5
2.65
4700.0
B3
-
202D478X0020B3
0.085
2.0
3.24
5600.0
B4
-
202D568X0020B4
0.071
1.7
3.77
6600.0
B5
-
202D668X0020B5
0.061
1.4
4.28
7500.0
B6
-
202D758X0020B6
0.053
1.3
4.84
8500.0
B7
-
202D858X0020B7
0.047
1.1
5.38
Note
(1) The Part Numbers listed are for ± 20 % tolerance. To specify ± 10 % tolerance, change the digit following “X” from “0” to “9”. For
requirements or ratings other than those listed, please contact a Vishay representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com