Electronic Components Datasheet Search
  English  ▼

X  

ILCT6 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILCT6
Description  Optocoupler, Phototransistor Output, Dual Channel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILCT6 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILCT6 Datasheet HTML 1Page - Vishay Siliconix ILCT6 Datasheet HTML 2Page - Vishay Siliconix ILCT6 Datasheet HTML 3Page - Vishay Siliconix ILCT6 Datasheet HTML 4Page - Vishay Siliconix ILCT6 Datasheet HTML 5Page - Vishay Siliconix ILCT6 Datasheet HTML 6Page - Vishay Siliconix ILCT6 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83645
4
Rev. 1.5, 20-Dec-07
ILCT6/MCT6
Vishay Semiconductors
Optocoupler, Phototransistor Output,
Dual Channel
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 6 - Collector Emitter Current vs. Temperature and LED Current
Fig. 7 - Collector Emitter Leakage Current vs.Temperature
Fig. 8 - Propagation Delay vs. Collector Load Resistor
Fig. 9 - Switching Timing
Fig. 10 - Switching Schematic
iilct6_05
0.1
1
10
100
1.5
1.0
0.5
0.0
I
F - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
V
CE = 10 V,IF = 10 mA, Tamb = 25 °C
CTRCE(sat) VCE = 0.4 V
T
amb = 85 °C
iilct6_06
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
85 °C
IF - LED Current (mA)
25 °C
40
iilct6_07
100
80
60
40
20
0
- 20
10
10
10
10
10
10
10
10
- 2
- 1
0
1
2
3
4
5
T
amb - Ambient Temperature (°C)
Vce = 10 V
Typical
iilct6_08
R L - Collector Load Resistor (kΩ)
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
Tamb = 25 °C, IF = 10 mA
V
CC = 5 V, Vth = 1.5 V
iilct6_09
t
D
t
R
50 %
PHL
tPLH
t
S
t
F
t
I
F
V
O
iilct6_10
F = 10 kHz,
D
F = 50 %
I
F = 10 mA
V
CC = 5 V
R
L = 75 Ω
V
O



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com