Electronic Components Datasheet Search
  English  ▼

X  

M64P201KB40 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M64P201KB40
Description  3/8 Square (10 mm) Multi-Turn Cermet Trimmer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M64P201KB40 Datasheet(HTML) 3 Page - Vishay Siliconix

  M64P201KB40 Datasheet HTML 1Page - Vishay Siliconix M64P201KB40 Datasheet HTML 2Page - Vishay Siliconix M64P201KB40 Datasheet HTML 3Page - Vishay Siliconix M64P201KB40 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57028
78
Revision: 04-Sep-07
64
Vishay Spectrol
3/8" Square (10 mm)
Multi-Turn Cermet Trimmer
MARKING
Printed:
- VISHAY trademark
- model
- style
- ohmic value (in
Ω, kΩ, MΩ)
- tolerance (in %)
- manufacturing date
- marking of terminal 3
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
Ω
WV
mA
ppm/°C
10
20
50
100
200
250
500
1K
2K
2.5K
5K
10K
20K
25K
50K
100K
200K
250K
500K
1M
2M
0.5
0.5
0.31
0.25
0.125
0.063
0.031
2.2
3.2
5
7.1
10
11.2
15.8
22.4
31.6
35.4
50
70.7
100
112
158
224
250
250
250
250
250
224
158
100
71
50
45
32
22
16
14
10
7.1
5
4.5
3.2
2.2
1.3
1
0.5
0.25
0.13
± 100
PACKAGING
- In bulk (box of 200 pieces), code B0200
- On request in tube
ORDERING INFORMATION
64
MODEL
P
TERMINAL STYLE
201
EIA
RESISTANCE CODE
e3
LEAD FINISH
P, W, X, Y or Z
e3: pure Sn
SAP PART NUMBERING GUIDELINES
M
6
4
P
201
K
B
40
MODEL
STYLE
OHMIC VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables
LEAD FINISH
Pure Sn. Code e3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com