Electronic Components Datasheet Search
  English  ▼

X  

B340LB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # B340LB
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B340LB Datasheet(HTML) 3 Page - Vishay Siliconix

  B340LB Datasheet HTML 1Page - Vishay Siliconix B340LB Datasheet HTML 2Page - Vishay Siliconix B340LB Datasheet HTML 3Page - Vishay Siliconix B340LB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
B340LB
Vishay General Semiconductor
Document Number: 89039
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Maximum Non-Repetitive Peak Forward Surge Current
Figure 4. Typical Instantaneous Forward Characteristics
1
10
100
0
20
40
60
80
120
Number of Cycles at 60 Hz
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
100
T
J = 150 °C
T
J = 125 °C
Instantaneous Forward Voltage (V)
T
J = 25 °C
Figure 5. Typical Reverse Characteristics
Figure 6. Typical Junction Capacitance
10
20
40
60
80
100
0.001
0.01
0.1
10
100
1000
T
J = 150 °C
T
J = 25 °C
T
J = 125 °C
Percent of Rated Peak Reverse Voltage (%)
1
30
50
70
90
100
1000
1
10
100
Reverse Voltage (V)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0.180 (4.57)
0.160 (4.06)
0.155 (3.94)
0.130 (3.30)
0.086 (2.20)
0.077 (1.95)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
DO-214AA (SMB)
0 (0)
Cathode Band
0.085 (2.159)
MAX.
0.220 REF.
0.086 (2.18)
MIN.
0.060 (1.52)
MIN.
Mounting Pad Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com