Electronic Components Datasheet Search
  English  ▼

X  

511D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 511D
Description  Aluminum Capacitors General Purpose, Miniature, Radial Lead
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

511D Datasheet(HTML) 4 Page - Vishay Siliconix

  511D Datasheet HTML 1Page - Vishay Siliconix 511D Datasheet HTML 2Page - Vishay Siliconix 511D Datasheet HTML 3Page - Vishay Siliconix 511D Datasheet HTML 4Page - Vishay Siliconix 511D Datasheet HTML 5Page - Vishay Siliconix 511D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 42051
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 22-Jul-08
405
511D
Aluminum Capacitors
General Purpose, Miniature, Radial Lead
Vishay Sprague
20 WVDC at + 105 °C, SURGE = 25 V
120.0
511D127M020BB4D
0.315 x 0.472 [8.0 x 12.0]
2.650
1.350
0.166
0.232
1.350
220.0
511D227M020CC4D 0.394 x 0.512 [10.0 x 13.0]
1.472
0.950
0.266
0.331
0.900
330.0
511D337M020CD4D 0.394 x 0.630 [10.0 x 16.0]
0.981
0.550
0.350
0.468
0.500
470.0
511D477M020CG4D 0.394 x 0.787 [10.0 x 20.0]
0.679
0.300
0.467
0.703
0.305
1500.0
511D158M020EK4D
0.630 x 0.984 [16.0 x 25.0]
0.243
0.110
1.120
1.660
0.100
2200.0
511D228M020EN4D
0.630 x 1.260 [16.0 x 32.0]
0.163
0.080
1.510
2.150
0.080
3300.0
511D338M020FR4D
0.630 x 1.417 [16.0 x 36.0]
0.128
0.060
1.920
2.810
0.064
25 WVDC at + 105 °C, SURGE = 32 V
47.0 (1)
511D476M025AA4D
0.236 x 0.433 [6.0 x 11.0]
6.120
2.940
0.089
0.127
2.950
100.0
511D107M025BB4D
0.315 x 0.472 [8.0 x 12.0]
2.914
1.350
0.158
0.232
1.350
1200.0
511D128M025EK4D
0.630 x 0.984 [16.0 x 25.0]
0.239
0.110
1.127
1.660
0.105
2200.0
511D228M025ER4D
0.630 x 1.417 [16.0 x 36.0]
0.162
0.064
1.580
2.520
0.074
35 WVDC at + 105 °C, SURGE = 44 V
120.0
511D127M035CC4D 0.394 x 0.512 [10.0 x 13.0]
1.830
1.010
0.239
0.323
0.980
330.0
511D337M035CG4D 0.394 x 0.787 [10.0 x 20.0]
0.677
0.305
0.468
0.697
0.310
1000.0
511D108M035EK4D
0.630 x 0.984 [16.0 x 25.0]
0.223
0.110
1.170
1.660
0.112
1500.0
511D158M035EN4D
0.630 x 1.260 [16.0 x 32.0]
0.165
0.078
1.490
2.180
0.078
2200.0
511D228M035FR4D
0.709 x 1.417 [18.0 x 36.0]
0.121
0.060
1.980
2.810
0.062
40 WVDC at + 105 °C, SURGE = 50 V
100.0
511D107M040CC4D 0.394 x 0.512 [10.0 x 13.0]
1.939
1.010
0.232
0.323
0.981
220.0
511D227M040CG4D 0.394 x 0.787 [10.0 x 20.0]
0.883
0.305
0.411
0.698
0.311
330.0
511D337M040DG4D 0.492 x 0.787 [12.5 x 20.0]
0.588
0.210
0.573
0.959
0.221
470.0
511D477M040DK4D
0.492 x 0.984 [12.5 x 25.0]
0.407
0.151
0.719
1.190
0.157
1000.0
511D108M040EN4D
0.630 x 1.260 [16.0 x 32.0]
0.193
0.078
1.390
2.180
0.078
50 WVDC at + 105 °C, SURGE = 63 V
47.0
511D476M050BB4D
0.315 x 0.472 [8.0 x 12.0]
3.884
1.510
0.137
0.221
1.450
120.0
511D127M050CD4D 0.394 x 0.630 [10.0 x 16.0]
1.320
0.466
0.302
0.509
0.488
270.0
511D277M050DG4D 0.492 x 0.787 [12.5 x 20.0]
0.601
0.221
0.567
0.937
0.231
1000.0
511D108M050ER4D
0.630 x 1.417 [16.0 x 36.0]
0.161
0.065
1.590
2.510
0.068
1500.0
511D158M050FR4D
0.709 x 1.417 [18.0 x 36.0]
0.153
0.065
1.760
2.710
0.068
63 WVDC at + 105 °C, SURGE = 79 V
47.0
511D476M063CC4D 0.394 x 0.512 [10.0 x 13.0]
3.076
1.170
0.184
0.299
1.110
150.0
511D157M063CG4D 0.394 x 0.787 [10.0 x 20.0]
1.010
0.331
0.385
0.671
0.341
470.0
511D477M063EK4D
0.630 x 0.984 [16.0 x 25.0]
0.307
0.125
0.995
1.560
0.125
1200.0
511D128M063FR4D
0.709 x 1.417 [18.0 x 36.0]
0.165
0.065
1.690
2.710
0.068
75 WVDC at + 105 °C, SURGE = 90 V
33.0
511D336M075CC4D 0.394 x 0.512 [10.0 x 13.0]
4.440
1.210
0.153
0.295
1.210
100.0
511D107M075CG4D 0.394 x 0.787 [10.0 x 20.0]
1.460
0.341
0.318
0.661
0.341
150.0
511D157M075DG4D 0.492 x 0.787 [12.5 x 20.0]
1.010
0.261
0.439
0.862
0.261
220.0
511D227M075DK4D
0.492 x 0.984 [12.5 x 25.0]
0.666
0.211
0.589
1.050
0.211
470.0
511D477M075EN4D
0.630 x 1.260 [16.0 x 32.0]
0.307
0.105
1.110
1.880
0.105
100 WVDC at + 105 °C, SURGE = 125 V
4.7 (1)
511D475M100AA4D
0.236 x 0.433 [6.0 x 11.0]
30.79
4.310
0.041
0.106
4,210
10.0 (1)
511D106M100BB4D
0.314 x 0.472 [8.0 x 12.0]
14.63
1.810
0.071
0.202
1,710
33.0
511D336M100CD4D 0.394 x 0.630 [10.0 x 16.0]
4.440
0.531
0.165
0.477
0.531
120.0
511D127M100DK4D
0.492 x 0.984 [12.5 x 25.0]
1.210
0.215
0.437
1.030
0.215
330.0
511D337M100ER4D
0.630 x 1.260 [16.0 x 32.0]
0.444
0.076
0.958
2.320
0.078
470.0
511D477M100FR4D
0.709 x 1.417 [18.0 x 36.0]
0.361
0.071
1.150
2.610
0.074
160 WVDC at + 105 °C, SURGE = 185 V
10.0
511D106M160CD4D 0.394 x 0.630 [10.0 x 16.0]
16.09
4.910
0.086
0.157
4.910
22.0
511D226M160DG4D 0.492 x 0.787 [12.5 x 20.0]
7.330
3.210
0.162
0.245
3.210
33.0
511D336M160DK4D
0.492 x 0.984 [12.5 x 25.0]
4.880
2.250
0.216
0.319
2.250
100.0
511D107M160ER4D
0.630 x 1.260 [16.0 x 32.0]
1.610
0.531
0.504
0.876
0.531
Note
(1) These values are normally stocked. See Original Ratings for more values that are stocked.
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
Max. ESR
at + 25 °C (m
Ω)
Max. RIPPLE
at + 85 °C
Max.
IMPEDANCE
at + 25 °C (m
Ω)
100 Hz
120 Hz 20 kHz - 40 kHz 120 Hz 20 kHz - 40 kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com