Electronic Components Datasheet Search
  English  ▼

X  

550D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 550D
Description  Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D Datasheet(HTML) 3 Page - Vishay Siliconix

  550D Datasheet HTML 1Page - Vishay Siliconix 550D Datasheet HTML 2Page - Vishay Siliconix 550D Datasheet HTML 3Page - Vishay Siliconix 550D Datasheet HTML 4Page - Vishay Siliconix 550D Datasheet HTML 5Page - Vishay Siliconix 550D Datasheet HTML 6Page - Vishay Siliconix 550D Datasheet HTML 7Page - Vishay Siliconix 550D Datasheet HTML 8Page - Vishay Siliconix 550D Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
550D
Vishay Sprague
Solid-Electrolyte TANTALEX® Capacitors
for High Frequency Power Supplies
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 40017
3
Revision: 28-Aug-08
STANDARD REEL PACKAGING INFORMATION
1. Component Leads:
a. Component leads shall not be bent beyond 0.047"
(1.19 mm) maximum from their nominal position when
measured from the leading edge of the component lead
at the inside tape edge and at the lead egress from the
component.
b. The “C” dimension shall be governed by the overall
length of the reel packaged component. The distance
between flanges shall be 0.125" to 0.250" (3.18 mm to
6.35 mm) greater than the overall component length.
2. Orientation:
a. All polarized components must be oriented to one
direction. The cathode lead tape shall be a color and the
anode lead tape shall be white.
3. Reeling:
a. Components on any reel shall not represent more than
two date codes when date code identification is required.
b. Component leads shall be positioned between pairs of
0.250" (6.35 mm) tape.
c. The disposable reels have hubs with corrugated
fibreboard flanges and core or equivalent.
d. A minimum of 12" (304.8 mm) leader of tape shall be
provided before the first and after the last component on
the reel.
e. 50 or 60 lb. Kraft paper must be wound between layer
of components as far as necessary for component
protection. Width of paper to be 0.062" to 0.250"
(1.57 mm to 6.35 mm) less than the “C” dimension of the
reel.
f.
A row of components must be centered between tapes
± 0.047" (1.19 mm). In addition, individual components
may deviate from center of component row ± 0.031"
(0.79 mm).
g. Staples shall not be used for splicing. Not more than
4 layers of tape shall be used in any splice area and no
tape shall be offset from another by more than 0.031"
(0.79 mm) non-cumulative. Tape splices shall overlap at
least 6" (152.4 mm) for butt joints and at least 3"
(76.2 mm) for lap joints and shall not be weaker than
unspliced tape. Universal splicing clips may also be used.
h. Quantity per reel shall be controlled so that tape
components and cover shall not extend beyond the
smallest dimension of the flange (either across flats or
diameter). Once the quantity per reel for each part
number has been established, future orders for that part
number shall be packaged in that quantity. When order or
release quantity is less than the established quantity, a
standard commercial pack is to be used.
i.
A maximum of 0.25 % of the components per reel
quantity may be missing without consecutive missing
components.
j.
Adequate protection must be provided to prevent
physical damage to both reel and components during
shipment and storage.
4. Marking:
a. Minimum reel and carton marking shall consist of the
following: Customer Part Number, Purchase Order No.,
Quantity, Package Date, Manufacturer's name, Electrical
Value, Date Code, Vishay Sprague Part Number and
Country of Origin.
TAPE AND REEL PACKAGING in inches (millimeters)
CASE
CODE
TYPE 550D UNITS WITH
INSULATING SLEEVE
J
(MAX.)
LEAD SIZE
COMPONENT
SPACING
TAPE SPACING
UNITS
PER REEL
D
L
AWG NO.
NOM. DIA.
A
B
R
0.289 ± 0.016
(7.34 ± 0.41)
0.686 ± 0.031
(17.42 ± 0.79)
0.822
(20.88)
22
0.025
(0.64)
0.400 ± 0.015
(10.16 ± 0.38)
2.875 ± 0.062
(73.03 ± 1.57)
500
S
0.351 ± 0.016
(8.92 ± 0.41)
0.786 ± 0.031
(19.96 ± 0.79)
0.922
(23.42)
22
0.025
(0.64)
0.400 ± 0.015
(10.16 ± 0.38)
2.875 ±0.062
(73.03 ± 1.57)
500
1.126 to 3.07
(28.6 to 78.0)
I. D. REEL HUB
13.0 (330.2)
STANDARD REEL
DIA. THRU HOLE
LABEL (4. a)
1.374 to 3.626
(34.9 to 92.1)
SECTION “A” - “A”
A
TAPE SPACING
B
BOTH SIDES (3. f)
COMPONENT
SPACING
0.047 [1.19] MAX.
OFF CENTER (1. a)
0.125 (3.18) MAX.
0.250 (6.35) (3. b)
0.031 (0.79) (3. f)
0.750 (19.05)
0.625 ± 0.0062 DIA.
(15.88 ± 1.575)
“A”
“A”



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com