Electronic Components Datasheet Search
  English  ▼

X  

591D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 1 Page - Vishay Siliconix

  591D Datasheet HTML 1Page - Vishay Siliconix 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Solid Tantalum Chip Capacitors TANTAMOUNT®,
Low Profile, Low ESR, Conformal Coated, Maximum CV
591D
Vishay Sprague
Document Number: 40012
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 23-Jan-08
97
FEATURES
• New robust 6.3 V ratings for battery operated
wireless applications
• New case size offerings
• 1.2 mm to 2 mm height
• Terminations: Lead (Pb)-free (2) standard
• Very low ESR
• 8 mm, 12 mm tape and reel packaging available per
EIA-481-1 and reeling per IEC 286-3
7" [178 mm] standard
13" [330 mm] available
• Footprint compatible with EIA 535BAAC and CECC 30801
molded chips
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C
(To + 125 °C with voltage derating)
Note: Refer to Doc. 40088
Capacitance Range: 1 µF to 1000 µF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 WVDC to 35 WVDC
* Pb containing terminations are not RoHS compliant, exemptions may apply
ORDERING INFORMATION
591D
106
X0
010
B
2
T
15H
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE
CODE
TERMINATION
REEL SIZE AND
PACKAGING
SUFFIX
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
X0 = ± 20 %
X9 = ± 10 %
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point
is indicated by an “R”
(6R3 = 6.3 V).
See Ratings
and Case
Codes Table
2 = 100 % Tin
4 = Gold Plated
8 = Solder
Plated
60/40
Special
Order
T = Tape and Reel
7" [178 mm] Reel
W = 13" [330 mm] Reel
Maximum
height (mm)
see
dimensions
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - 591D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D VISHAY-591D Datasheet
146Kb / 10P
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
22-Nov-04
591D VISHAY-591D Datasheet
328Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
26-Jun-17
591D VISHAY-591D Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
591D106X0010B2T15H VISHAY-591D106X0010B2T15H Datasheet
328Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
26-Jun-17
591D106X0010B2W15H VISHAY-591D106X0010B2W15H Datasheet
328Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
26-Jun-17
More results

Similar Description - 591D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D VISHAY-572D_08 Datasheet
143Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
07-Jan-08
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
10-Jan-13
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
10-Jan-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
08-Jan-13
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
25-Jun-13
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
25-Jun-13
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
25-Jun-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
11-May-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com