Electronic Components Datasheet Search
  English  ▼

X  

593D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 593D
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D Datasheet(HTML) 4 Page - Vishay Siliconix

  593D Datasheet HTML 1Page - Vishay Siliconix 593D Datasheet HTML 2Page - Vishay Siliconix 593D Datasheet HTML 3Page - Vishay Siliconix 593D Datasheet HTML 4Page - Vishay Siliconix 593D Datasheet HTML 5Page - Vishay Siliconix 593D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
593D
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® , Molded Case, Low ESR
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40005
4
Revision: 20-Oct-08
Notes:
• (1) Tolerance: X0, X9, X5
• (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
10 VDC AT + 85 °C, 7 VDC AT 125 °C
47
B
593D476(1)010B2(2)
4.7
6
0.600
0.38
47
C
593D476(1)010C2(2)
4.7
6
0.300
0.61
47
D
593D476(1)010D2(2)
4.7
6
0.200
0.87
68
C
593D686(1)010C2(2)
6.8
6
0.275
0.63
68
D
593D686(1)010D2(2)
6.8
6
0.150
1.00
100
C
593D107(1)010C2(2)
10.0
8
0.200
0.74
100
D
593D107(1)010D2(2)
10.0
6
0.100
1.22
150
D
593D157(1)010D2(2)
15.0
8
0.100
1.22
150
E
593D157(1)010E2(2)
15.0
8
0.100
1.28
220
D
593D227(1)010D2(2)
22.0
8
0.125
1.10
220
E
593D227(1)010E2(2)
22.0
8
0.100
1.28
330
E
593D337(1)010E2(2)
33.0
10
0.100
1.28
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
3.3
A
593D335(1)016A2(2)
0.5
6
3.500
0.15
4.7
A
593D475(1)016A2(2)
0.8
6
2.500
0.17
4.7
B
593D475(1)016B2(2)
0.8
6
1.500
0.24
6.8
A
593D685(1)016A2(2)
1.1
6
3.000
0.16
10
A
593D106(1)016A2(2)
1.6
6
1.700
0.21
10
B
593D106(1)016B2(2)
1.6
6
0.800
0.33
10
C
593D106(1)016C2(2)
1.6
6
0.450
0.49
15
B
593D156(1)016B2(2)
2.4
6
0.800
0.33
15
C
593D156(1)016C2(2)
2.4
6
0.400
0.52
22
B
593D226(1)016B2(2)
3.5
6
0.700
0.35
22
C
593D226(1)016C2(2)
3.5
6
0.350
0.56
33
B
593D336X0016B2(2)
5.3
6
0.700
0.35
33
C
593D336(1)016C2(2)
5.3
6
0.300
0.61
33
D
593D336(1)016D2(2)
4.2
4
0.225
0.82
47
C
593D476(1)016C2(2)
7.5
6
0.300
0.61
47
D
593D476(1)016D2(2)
7.5
6
0.150
1.00
68
D
593D686(1)016D2(2)
10.9
6
0.150
1.00
100
D
593D107(1)016D2(2)
16.0
8
0.125
1.10
100
E
593D107(1)016E2(2)
16.0
8
0.100
1.28
150
E
593D157(1)016E2(2)
24.0
8
0.100
1.28
20 VDC AT + 85 °C, 13 VDC AT + 125 °C
1.0
A
593D105(1)020A2(2)
0.5
4
5.500
0.12
2.2
A
593D225(1)020A2(2)
0.5
6
4.000
0.14
3.3
A
593D335(1)020A2(2)
0.7
6
4.000
0.14
4.7
A
593D475(1)020A2(2)
0.9
6
3.500
0.15
4.7
B
593D475(1)020B2(2)
0.9
6
1.000
0.29
6.8
B
593D685(1)020B2(2)
1.4
6
1.000
0.29
10
B
593D106(1)020B2(2)
2.0
6
1.000
0.29
10
C
593D106(1)020C2(2)
2.0
6
0.450
0.49
15
B
593D156(1)020B2(2)
3.0
6
1.000
0.29
15
C
593D156(1)020C2(2)
3.0
6
0.400
0.52
22
C
593D226(1)020C2(2)
4.4
6
0.375
0.54
22
D
593D226(1)020D2(2)
3.5
4
0.225
0.82
33
C
593D336(1)020C2(2)
6.6
6
0.350
0.56
33
D
593D336(1)020D2(2)
6.6
6
0.200
0.87
47
D
593D476(1)020D2(2)
9.4
6
0.200
0.87
47
E
593D476(1)020E2(2)
7.5
4
0.150
1.05
68
D
593D686(1)020D2(2)
13.6
6
0.175
0.93
68
E
593D686(1)020E2(2)
13.6
6
0.150
1.05
100
E
593D107(1)020E2(2)
20.0
8
0.150
1.05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com