Electronic Components Datasheet Search
  English  ▼

X  

BAQ34 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAQ34
Description  Small Signal Switching Diodes, Low Leakage Current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAQ34 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAQ34 Datasheet HTML 1Page - Vishay Siliconix BAQ34 Datasheet HTML 2Page - Vishay Siliconix BAQ34 Datasheet HTML 3Page - Vishay Siliconix BAQ34 Datasheet HTML 4Page - Vishay Siliconix BAQ34 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85537
Rev. 1.7, 09-Dec-05
BAQ33 / 34 / 35
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1V
Reverse current
E
≤ 300 lx, rated V
R
IR
13
nA
E
≤ 300 lx, rated V
R, Tj = 125 °C
IR
0.5
μA
E
≤ 300 lx, V
R = 15 V
BAQ33
IR
0.5
1
nA
E
≤ 300l x, V
R = 30 V
BAQ34
IR
0.5
1
nA
E
≤ 300 lx, V
R = 60 V
BAQ35
IR
0.5
1
nA
Breakdown voltage
IR = 5 µA, tp/T = 0.01, tp= 0.3 ms
BAQ33
V(BR)
40
V
IR = 5 µA, tp/T = 0.01, tp = 0.3 ms
BAQ34
V(BR)
70
V
BAQ35
V(BR)
140
V
Diode capacitance
VR = 0, f = 1 MHz
CD
3pF
Figure 1. Reverse Current vs. Junction Temperature
Figure 2. Forward Current vs. Forward Voltage
040
80
120
160
1
10
100
1000
10000
Tj -Junction Temperature (°C)
200
94 9079
Scattering Limit
VR =VRRM
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9078
Scattering Limit
Tj =25 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com