Electronic Components Datasheet Search
  English  ▼

X  

BFP81 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFP81
Description  Silicon NPN Planar RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP81 Datasheet(HTML) 3 Page - Vishay Siliconix

  BFP81 Datasheet HTML 1Page - Vishay Siliconix BFP81 Datasheet HTML 2Page - Vishay Siliconix BFP81 Datasheet HTML 3Page - Vishay Siliconix BFP81 Datasheet HTML 4Page - Vishay Siliconix BFP81 Datasheet HTML 5Page - Vishay Siliconix BFP81 Datasheet HTML 6Page - Vishay Siliconix BFP81 Datasheet HTML 7Page - Vishay Siliconix BFP81 Datasheet HTML 8Page - Vishay Siliconix BFP81 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BFP81
Document Number 85018
Rev. 1.5, 05-Sep-08
Vishay Semiconductors
www.vishay.com
3
Common Emitter S-Parameters
Z0 = 50 Ω, Tamb = 25 °C, unless otherwise specified
VCE/V
IC/mA
f/MHz
S11
S21
S12
S22
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
deg
deg
deg
deg
1
2
100
0.882
-26.99
6.43
158.5
0.040
73.0
0.944
-13.1
2
300
0.702
-72.30
5.00
127.5
0.093
50.4
0.763
-29.1
2
500
0.579
-104.7
3.81
107.8
0.115
39.3
0.621
-35.6
2
800
0.496
-139.4
2.74
88.1
0.130
32.5
0.515
-40.2
2
1000
0.474
-156.9
2.31
78.5
0.135
31.3
0.479
-43.0
2
1200
0.480
-171.4
2.02
69.6
0.140
31.1
0.451
-46.1
2
1500
0.495
170.3
1.70
57.4
0.148
32.9
0.422
-52.1
2
1800
0.518
155.6
1.49
47.3
0.158
35.7
0.399
-59.3
2
2000
0,.541
147.6
1.38
40.8
0.169
37.8
0.388
-64.9
2
2200
0.567
138.6
1.29
34.7
0.182
39.6
0.378
-70.8
2
2500
0.599
128.1
1.17
26.1
0.207
38.5
0.363
-80.8
2
2800
0.633
118.4
1.08
18.2
0.230
39.8
0.359
-93.6
2
3000
0.649
113.2
1.03
13.9
0.249
39.0
0.350
-102.5
3
2
100
0.894
-23.2
6.52
160.8
0.027
75.5
0.960
-9.3
2
300
0.729
-62.8
5.27
132.3
0.066
55.0
0.832
-21.1
2
500
0.590
-93.5
4.16
112.8
0.084
44.3
0.719
-26.1
2
800
0.482
-128.6
3.04
93.4
0.097
37.9
0.631
-30.1
2
1000
0.445
-146.8
2.58
83.6
0.101
37.2
0.601
-32.7
2
1200
0.438
-163.0
2.24
74.9
0.106
37.9
0.580
-35.3
2
1500
0.448
176.6
1.90
63.0
0.113
40.7
0.555
-40.1
2
1800
0.467
160.8
1.64
53.3
0.123
44.7
0.537
-45.7
2
2000
0.489
150.7
1.52
46.9
0.133
47.3
0.529
-50.1
2
2200
0.514
141.4
1.43
41.0
0.146
50.0
0.522
-54.5
2
2500
0.541
130.2
1.30
32.0
0.168
48.6
0.509
-62.1
2
2800
0.577
120.0
1.19
24.5
0.190
51.1
0.508
-71.7
2
3000
0.599
114.6
1.13
20.1
0.208
50.6
0.492
-78.2
3
5
100
0.758
-35.5
13.77
152.1
0.025
70.5
0.903
-16.0
5
300
0.514
-87.7
9.17
118.5
0.051
53.8
0.660
-28.3
5
500
0.396
-120.7
6.36
101.2
0.064
51.0
0.540
-29.0
5
800
0.336
-154.3
4.30
85.4
0.082
52.5
0.477
-29.0
5
1000
0.322
-171.3
3.54
77.4
0.094
53.9
0.460
-30.2
5
1200
0.328
175.2
3.03
70.2
0.108
54.4
0.450
-32.4
5
1500
0.347
160.0
2.51
60.3
0.129
54.7
0.432
-37.0
5
1800
0.376
146.7
2.15
51.8
0.150
54.1
0.415
-42.5
5
2000
0.394
139.8
1.98
46.0
0.166
53.3
0.407
-46.8
5
2200
0.415
132.2
1.85
40.8
0.182
52.3
0.399
-51.1
5
2500
0.450
124.1
1.68
32.6
0.206
48.4
0.381
-58.9
5
2800
0.484
115.7
1.54
25.4
0.227
47.3
0.371
-68.4
5
3000
0.504
111.2
1.46
20.9
0.244
45.5
0.354
-74.9
6
2
100
0.899
-21.53
6.49
161.9
0.022
76.2
0.967
-7.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com