Electronic Components Datasheet Search
  English  ▼

X  

TDA7427 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7427
Description  AM-FM RADIO FREQUENCY SYNTHESIZER AND IF COUNTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7427 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7427 Datasheet HTML 7Page - STMicroelectronics TDA7427 Datasheet HTML 8Page - STMicroelectronics TDA7427 Datasheet HTML 9Page - STMicroelectronics TDA7427 Datasheet HTML 10Page - STMicroelectronics TDA7427 Datasheet HTML 11Page - STMicroelectronics TDA7427 Datasheet HTML 12Page - STMicroelectronics TDA7427 Datasheet HTML 13Page - STMicroelectronics TDA7427 Datasheet HTML 14Page - STMicroelectronics TDA7427 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
I
2C BUS INTERFACE DESCRIPTION
The TDA7427 supports the I
2C bus protocol. This
protocol defines any device that sends data into
the bus as a transmitter and the receiving device
as the receiver. The device that controls the
transfer is the master and the device being con-
trolled is the slave. The master always initiates
data transfer and provides the clock to transmit or
receive operations.
Data Transition
Data transition on the SDA line must only occur
when the clock SCL is low. SDA transitions while
SCL is high will be interpreted as START or
STOP condition.
Start Condition
A start condition is defined by a HIGH to LOW
transition of the SDA line while SCL is at a stable
HIGH level. This START condition must precede
any command and initiate a data transfer onto the
bus. The TDA7427 continuously monitors the
SDA and SCL lines for a valid START and will not
response to any command if this condition has
not been met.
Stop Condition
A STOP condition is defined by a LOW to HIGH
transition of the SDA while the SCL line is at a stable
HIGH level. This condition terminate the communica-
tion between the devices and forces the bus interface
of the TDA7427 into the initial condition.
Acknowledge
Indicates a successful data transfer. The transmit-
ter will release the bus after sending 8 bit of data.
During the 9th clock cycle the receiver will pull the
SDA line to LOW level to indicate it has receive
the eight bits of data correctly.
Data transfer
During data transfer the TDA7427 samples the
SDA line on the leading edge of the SCL clock.
Therefore, for proper device operation the SDA
line must be stable during the SCL LOW to HIGH
transition.
Device Addressing
To start the communication between two devices,
the bus master must initiate a start instruction se-
quence, followed by an eight bit word correspond-
ing to the address of the device it is addressing.
The most significant 6 bits of the slave address
are the device type identifier.
The TDA7427 frequency synthesizer device type
is fixed as ”110001”
The next significant bit is used to address a par-
ticular device of the previous defined type con-
nected to the bus. The state of the hardwired A0
pin defines the state of this address bit. So up to
two devices could be connected on the same bus.
The last bit of the instruction defines the type of
operation to be performed:
- When set to ”1”, a read operation is selected
- When set to ”0”, a write operation is selected
The chip selection is accomplished by setting the
bit of the chip address to the corresponding status
of the A0 input.
All TDA7427 connected to the bus will compare
their own hardwired address with the slave ad-
10
µF
100nF
100nF
VDD2
15
VDD1
19
+10V
+5V
AM-FM
IF
IF_FM
11
IF_AM
10
10nF
10nF
TDA7427
13
12
7
14
INLOCK/DOUT1
SSTOP
DOUT3
HFREF
8
9
VDD1
SCL
SDA
CONTROLLER
56
OSCIN
OSCOUT
100nF
4
VREF
4MHz
3
6.8nF
100K
68nF
27K
6.8nF
1nF
1
2
15K
AM VCO
FM VCO
16
20
17
10nF
1nF
Utun
AM_IN
FM_IN
LPOUT
LP_FM
LP_HC
LP_AM
D95AU379B
10nF
10
µF
3.9K
100nF
820
Ω
3.3nF
FM:50KHz
AM:1KHz
Figure 6. Application with two loop filters
TDA7427
11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com