Electronic Components Datasheet Search
  English  ▼

X  

TLV1544CPWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV1544CPWRG4
Description  LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1544CPWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1544CPWRG4 Datasheet HTML 1Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 2Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 3Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 4Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 5Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 6Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 7Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 8Page - Texas Instruments TLV1544CPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TLV1544C, TLV1544I, TLV1548C, TLV1548I, TLV1548M
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
SLAS139C – DECEMBER 1996 – REVISED JANUARY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Conversion Time ≤ 10 µs
D 10-Bit-Resolution ADC
D Programmable Power-Down
Mode ...1
µA
D Wide Range Single-Supply Operation of
2.7 V dc to 5.5 V dc
D Analog Input Range of 0 V to VCC
D Built-in Analog Multiplexer with 8 Analog
Input Channels
D TMS320 DSP and Microprocessor SPI and
QSPI Compatible Serial Interfaces
D End-of-Conversion (EOC) Flag
D Inherent Sample-and-Hold Function
D Built-In Self-Test Modes
D Programmable Power and Conversion Rate
D Asynchronous Start of Conversion for
Extended Sampling
D Hardware I/O Clock Phase Adjust Input
description
The TLV1544 and TLV1548 are CMOS 10-bit
switched-capacitor successive-approximation (SAR)
analog-to-digital (A/D) converters. Each device
has a chip select (CS), input-output clock (I/O
CLK), data input (DATA IN) and serial data output
(DATA OUT) that provide a direct 4-wire
synchronous serial peripheral interface (SPI
™,
QSPI
™) port of a host microprocessor. When
interfacing with a TMS320 DSP, an additional
frame sync signal (FS) indicates the start of a
serial data frame. The devices allow high-speed
data transfers from the host. The INV CLK input
provides further timing flexibility for the serial
interface.
In addition to a high-speed converter and versatile
control capability, the device has an on-chip
11-channel multiplexer that can select any one of
eight analog inputs or any one of three internal self-test voltages. The sample-and-hold function is automatic
except for the extended sampling cycle, where the sampling cycle is started by the falling edge of asynchronous
CSTART. At the end of the A/D conversion, the end-of-conversion (EOC) output goes high to indicate that the
conversion is complete. The TLV1544 and TLV1548 are designed to operate with a wide range of supply
voltages with very low power consumption. The power saving feature is further enhanced with a
software-programmed power-down mode and conversion rate. The converter incorporated in the device
features differential high-impedance reference inputs that facilitate ratiometric conversion, scaling, and
isolation of analog circuitry from logic and supply noise. A switched-capacitor design allows low-error
conversion over the full operating temperature range.
SPI and QSPI are registered trademarks of Motorola, Inc.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A0
A1
A2
A3
A4
A5
A6
A7
CSTART
GND
VCC
EOC
I/O CLK
DATA IN
DATA OUT
CS
REF+
REF–
FS
INV CLK
DB OR J PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DATA OUT
DATA IN
I/O CLK
EOC
VCC
A0
A1
A2
CS
REF+
REF–
FS
INV CLK
GND
CSTART
A3
D OR PW PACKAGE
(TOP VIEW)
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
I/O CLK
DATA IN
DATA OUT
CS
REF+
A3
A4
A5
A6
A7
FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - TLV1544CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1544CPWR TI2-TLV1544CPWR Datasheet
640Kb / 38P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
REVISED JANUARY 1999
TLV1544CPWR.A TI2-TLV1544CPWR.A Datasheet
640Kb / 38P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
REVISED JANUARY 1999
More results

Similar Description - TLV1544CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC545C TI-TLC545C Datasheet
184Kb / 13P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
TLV1544C TI-TLV1544C Datasheet
577Kb / 37P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 4/8 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1548-EP TI1-TLV1548-EP Datasheet
692Kb / 35P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLV1548-Q1 TI1-TLV1548-Q1 Datasheet
537Kb / 34P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com