Electronic Components Datasheet Search
  English  ▼

X  

BAT54C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT54C
Description  Schottky Diode, 2 x 0.1 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54C Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT54C Datasheet HTML 1Page - Vishay Siliconix BAT54C Datasheet HTML 2Page - Vishay Siliconix BAT54C Datasheet HTML 3Page - Vishay Siliconix BAT54C Datasheet HTML 4Page - Vishay Siliconix BAT54C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94269
2
Revision: 19-Sep-08
BAT54CPbF
Vishay High Power Products Schottky Diode, 2 x 0.1 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
Note
(1)
thermal runaway condition for a diode on its own heatsink
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
0.1 A
TJ = 25 °C
0.65
V
30 mA
0.50
10 mA
0.40
1 mA
0.32
0.1 mA
0.24
Maximum reverse leakage current
IRM (1)
VR = 25 V
2
µA
VR = 30 V
3
Maximum junction capacitance
CT
VR = 1 VDC (test signal range 100 kHz to 1 MHz) TJ = 25 °C
10
pF
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 65 to 150
°C
Maximum thermal resistance,
junction to ambient
RthJA
Mounted on PC board FR4 with minimum pad size
500
°C/W
Approximate weight
0.008
g
Marking device
Case style SOT-23
GYWLC
dP
tot
dT
J
-------------
1
R
thJA
--------------
<



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com