Electronic Components Datasheet Search
  English  ▼

X  

VCS1610 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCS1610
Description  High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS1610 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCS1610 Datasheet HTML 1Page - Vishay Siliconix VCS1610 Datasheet HTML 2Page - Vishay Siliconix VCS1610 Datasheet HTML 3Page - Vishay Siliconix VCS1610 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63137
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 23-Jul-08
1
VCS1610 (Kelvin Connection)
Vishay Foil Resistors
High Precision Foil Surface Mount Current Sensing Chip
Resistors with TCR of ± 2 ppm/°C, Load Life Stability of ± 0.02 %,
ESD Immunity up to 25 kV and Fast Thermal Stabilization
Any value at any tolerance available within resistance range
INTRODUCTION
Model VCS1610 is a surface mount resistor designed with
4 pads for Kelvin connection. Utilizing Vishay Bulk Metal®
Foil as the resistance element, it provides performance
capabilities far greater than other resistor technologies can
supply in a product of comparable size. Low TCR removes
errors due to temperature gradients.
The VCS1610 has improved load life stability of ± 0.02 % at
+ 70 °C for 2000 h at rated power. Other technologies of
current sensing resistors offer a load life stability of
≥ 0.5 %
through a 1000 h workload.
This small device dissipates heat almost entirely through the
pads so surface mount users are encouraged to be
generous
with
the
board’s
pads
and
traces.
Gold
terminations are available on special order.
Our application engineering department is available to
advise and to make recommendations. For non standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
± 2.0 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.) (see table 1)
• Tolerance: to ± 0.5 %
• Load life stability:
± 0.02 % at 70 °C, 2000 h at rated power
• Power rating: 0.25 W at + 70 °C
• Electrostatic discharge (ESD) above 25 000 V
• Fast
thermal
stabilization
due
to
proprietary
processing technique
• Short time overload ≤ 0.005 %
• Ohmic values: 0.2 Ω to 0.5 Ω (for higher or lower values
please contact us)
• Non inductive, non capacitive design
• Thermal EMF: 0.05 µV/°C typical
• Current noise: < - 42 dB
• Rise time: 1 ns without ringing
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Weight: 0.027 mg
TERMINATIONS
• Two lead (Pb)-free options are available:
Gold plated or tin plated
• Tin/lead plated
APPLICATIONS
• Automatic test equipment (ATE)
• Airborne (in heads-up display systems)
• High precision instrumentation
• Electron beam recording equipment
• Electron microscopes
• Current sensing applications
• Force balance electronic scales
• Military
• Medical
• Down-hole (high temperature)
Note
• Tighter tolerances and higher values are available. Please contact application engineering foil@vishay.com
* Pb containing materials are not RoHS compliant, exemptions may apply
FIGURE 1 - POWER DERATING CURVE
100
75
50
25
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 70 °C
- 55 °C
Available
Pb-free
RoHS*
COMPLIANT
I
1
E
1
I2
E
2
Electrical
Schematic
R
TABLE 1 - TOLERANCE AND TCR VS. RESISTANCE VALUE (- 55 °C to + 125 °C, + 25° Ref.)
VALUE (
Ω)
TOLERANCE
TYPICAL TCR
MAXIMUM TCR
0R200 to 0R500
0.5 %, 1 %
± 2 ppm/°C
± 15 ppm/°C


Similar Part No. - VCS1610

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
19-Feb-08
VCS1625-V01 VISHAY-VCS1625-V01 Datasheet
357Kb / 4P
High Precision Bulk Metal® Foil Surface Mount Current Sensing Chip Resistor with TCR of ± 2 ppm/°C
23-Mar-10
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
25-Feb-08
More results

Similar Description - VCS1610

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200 VISHAY-200 Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
16-Jul-07
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
16-Apr-07
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
19-Feb-08
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
25-Feb-08
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
30-Oct-08
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
05-Jul-07
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
29-Feb-08
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
06-Aug-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
18-Sep-08
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
18-Sep-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com