Electronic Components Datasheet Search
  English  ▼

X  

VCS1625 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCS1625
Description  High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS1625 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCS1625 Datasheet HTML 1Page - Vishay Siliconix VCS1625 Datasheet HTML 2Page - Vishay Siliconix VCS1625 Datasheet HTML 3Page - Vishay Siliconix VCS1625 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VCS1625
Vishay Foil Resistors
High Precision Foil Surface Mount Current Sensing Chip
Resistors with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.02 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63023
1
Revision: 19-Feb-08
Any value at any tolerance available within resistance range
INTRODUCTION
Model VCS1625 is a surface mount resistor designed with
4 pads for Kelvin connection. Utilizing Vishay Bulk Metal®
foil as the resistance element, it provides performance
capabilities far greater than other resistor technologies can
supply in a product of comparable size.
This small device dissipates heat almost entirely through the
pads so surface mount users are encouraged to be generous
with the board’s pads and traces. Gold terminations are
available on special order.
Our application engineering department is available to
advise and to make recommendations. For non standard
technical requirements and special applications, please
contact us.
Note:
1. Power rating at + 70 °C
1 W on alumina substrate
0.5 W on FR4
FEATURES
• Temperature coefficient of resistance (TCR):
± 2.0 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.) (see table 1)
• Tolerance: to ± 0.1 %
• Load life stability:
± 0.02 % at 70 °C, 2000 h at rated power
• Electrostatic discharge (ESD) above 25 000 V
• Short time overload ≤ 0.005 %
• Ohmic values: 0.01 Ω to 10 Ω (for higher or lower values
please contact us)
• Non inductive, non capacitive design
• Power rating: 1 W at + 70 °C (figure 1)
• Current rating: 5 A maximum
• Thermal EMF: 0.05 µV/°C typical
• Non hot spot design
• Current noise: < - 40 dB
• Rise time: 1 ns without ringing
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 µH
• For better performances please review VCS1625Z (Z-foil)
data sheet
TERMINATIONS
• Two lead (Pb)-free options are available:
gold plated or tin plated
• Tin/lead plated
APPLICATIONS
• Automatic test equipment (ATE)
• Airborne (in heads-up display systems)
• High precision instrumentation
• Electron beam recording equipment
• Electron microscopes
• Current sensing applications
• Forced balance electronic scales
• Applications that require superior frequency stability
• Military
• Medical
* Pb containing materials are not RoHS compliant, exemptions may apply
FIGURE 1 - POWER DERATING CURVE1)
100
75
50
25
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 70 °C
- 55 °C
Available
Pb-free
RoHS*
COMPLIANT
I
1
E
1
I2
E
2
Electrical
Schematic
R
TABLE 1 - TOLERANCE AND TCR VS. RESISTANCE VALUE (- 55 °C to + 125 °C, + 25° Ref.)
VALUE (
Ω)
TOLERANCE
TYPICAL TCR
MAXIMUM TCR
> 2R000 to 10R000
0.2 %, 0.5 %, 1 %
± 2 ppm/°C
± 5 ppm/°C
> 0R500 to 2R000
0.5 %, 1 %
± 2 ppm/°C
± 10 ppm/°C
> 0R100 to 0R500
1 %
± 2 ppm/°C
± 15 ppm/°C
> 0R050 to 0R100
1 %
± 2 ppm/°C
± 20 ppm/°C
> 0R030 to 0R050
1 %
± 2 ppm/°C
± 30 ppm/°C
> 0R010 to 0R030
1 %
± 2 ppm/°C
± 50 ppm/°C


Similar Part No. - VCS1625

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS1625-V01 VISHAY-VCS1625-V01 Datasheet
357Kb / 4P
High Precision Bulk Metal® Foil Surface Mount Current Sensing Chip Resistor with TCR of ± 2 ppm/°C
23-Mar-10
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
25-Feb-08
More results

Similar Description - VCS1625

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
16-Apr-07
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
23-Jul-08
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
25-Feb-08
VPR220S VISHAY-VPR220S_08 Datasheet
133Kb / 5P
Foil Technology Precision Foil Power Surface Mount Resistors in TO-220 Configuration with TCR of 짹 2 ppm/째C,
29-Feb-08
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
18-Sep-08
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
18-Sep-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
14-Nov-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
20-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com