Electronic Components Datasheet Search
  English  ▼

X  

VCS1625Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCS1625Z
Description  Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS1625Z Datasheet(HTML) 1 Page - Vishay Siliconix

  VCS1625Z Datasheet HTML 1Page - Vishay Siliconix VCS1625Z Datasheet HTML 2Page - Vishay Siliconix VCS1625Z Datasheet HTML 3Page - Vishay Siliconix VCS1625Z Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63094
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 25-Feb-08
1
VCS1625Z (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Surface Mount Current
Sensing Chip Resistors with TCR of ± 0.05 ppm/°C and
Power Coefficient of 5 ppm at Rated Power
Any value at any tolerance available within resistance range
INTRODUCTION
The Z-foil technology provides a significant reduction of the
resistive component’s sensitivity to ambient temperature
variations (TCR) and applied power changes (PCR).
Designers can now guarantee a high degree of stability and
accuracy in
fixed-resistor applications using solutions
based on Vishay‘s revolutionary Z-foil technology.
Model VCS1625Z is a surface mount chip resistor designed
with 4 pads for Kelvin connection. Utilizing Vishay’s Bulk
Metal® Z-foil as the resistance element, it provides
performance capabilities far greater than other resistor
technologies can supply in a product of comparable size.
0.05 ppm/°C absolute TCR removes errors due to
temperature gradients.
This small device dissipates heat almost entirely through the
pads so surface mount users are encouraged to be generous
with the board’s pads and traces.
Our application engineering department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
± 0.05 ppm/°C typical (0 °C to + 60 °C)
± 0.2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.) (see table 1)
• Tolerance: to ± 0.2 %
• Power coefficient “ΔR due to self heating”:
5 ppm at rated power
• Load life stability: 0.02 % at 70 °C, 2000 h at rated power
• Electrostatic discharge (ESD) above 25 000 V
• Short time overload < 0.005 %
• Ohmic values: 0.3 Ω to 10 Ω
(for higher or lower values please contact us)
• Power rating: 1 W at + 70 °C (Figure 1)
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current rating: 5 A maximum
• Current noise: < - 40 dB
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Non hot spot design
• Any value available within resistance range (e.g. 1R234)
• Prototype samples available from 48 h. For more
information, please contact foil@vishay.com
• For better performances please contact us
TERMINATIONS
• Two lead (Pb)-free options are available:
gold plated or tin plated
• Tin/lead plated
APPLICATIONS
• Military
• Medical
• Automatic test equipment (ATE)
• Airborne (in heads-up display
systems)
• High precision instrumentation
• Electron beam recording equipment
• Electron microscopes
• Current sensing applications
• Forced balance electronic scales
• Applications that require superior frequency stability
Note
• Tighter performances are available. Please contact application engineering foil@vishay.com
* Pb containing materials are not RoHS compliant, exemptions may apply
FIGURE 1 - POWER DERATING CURVE
100
75
50
25
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 70 °C
- 55 °C
Available
Pb-free
RoHS*
COMPLIANT
I
1
E
1
E
2
I
2
R
V
I
I
TABLE 1 - SPECIFICATIONS
MODEL
NUMBER
RESISTANCE
RANGE
RESISTANCE
TOLERANCE
POWER RATING
at + 70 °C
TYPICAL TCR and
MAX. SPREAD
(- 55 °C to + 125 °C, + 25 °C)
MAXIMUM
CURRENT
VCS1625Z
> 2.0
Ω to 10 Ω
0.3
Ω to 2.0 Ω
± 0.2 %, ± 0.5 %; ± 1.0 %
± 0.5 %; ± 1.0 %
1 W
on alumina substrate
(0.5 W on FR4 PCB)
± 0.2 ± 2.8 ppm/°C
5 A


Similar Part No. - VCS1625Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
19-Feb-08
VCS1625-V01 VISHAY-VCS1625-V01 Datasheet
357Kb / 4P
High Precision Bulk Metal® Foil Surface Mount Current Sensing Chip Resistor with TCR of ± 2 ppm/°C
23-Mar-10
More results

Similar Description - VCS1625Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
13-Nov-07
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
16-Apr-07
VCS1610 VISHAY-VCS1610 Datasheet
141Kb / 4P
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C,
23-Jul-08
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
19-Feb-08
VPR220SZ VISHAY-VPR220SZ Datasheet
102Kb / 4P
Ultra High Precision Z-Foil Surface Mount Power Resistors in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
06-Aug-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
03-Nov-08
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
18-Sep-08
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
28-Jun-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
29-Oct-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com