Electronic Components Datasheet Search
  English  ▼

X  

2SA1295 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SA1295
Description  POWER TRANSISTORS(17A,230V,200W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SA1295 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SA1295 Datasheet HTML 1Page - Mospec Semiconductor 2SA1295 Datasheet HTML 2Page - Mospec Semiconductor 2SA1295 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SA1295

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA1295 SANKEN-2SA1295 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General)
logo
Inchange Semiconductor ...
2SA1295 ISC-2SA1295 Datasheet
115Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1295 SAVANTIC-2SA1295 Datasheet
167Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1295 JMNIC-2SA1295 Datasheet
209Kb / 4P
Silicon PNP Power Transistors
logo
Sanken electric
2SA1295 SANKEN-2SA1295 Datasheet
34Kb / 1P
Silicon PNP Epitaxial Planar Transistor
More results

Similar Description - 2SA1295

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
POWER TRANSISTORS(200W)
2N5301 MOSPEC-2N5301 Datasheet
178Kb / 4P
POWER TRANSISTORS(200W)
2N5883 MOSPEC-2N5883 Datasheet
183Kb / 4P
POWER TRANSISTORS(25A,200W)
2N6436 MOSPEC-2N6436 Datasheet
191Kb / 4P
POWER TRANSISTORS(25A,200W)
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,180V,200W)
2SA1494 MOSPEC-2SA1494 Datasheet
117Kb / 3P
POWER TRANSISTORS(17A,200V,200W)
2SC2922 MOSPEC-2SC2922 Datasheet
119Kb / 3P
POWER TRANSISTORS(17A,180V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
POWER TRANSISTORS(17A,230V,200W)
2SC3858 MOSPEC-2SC3858 Datasheet
125Kb / 3P
POWER TRANSISTOR(17A,200V,200W)
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com