Electronic Components Datasheet Search
  English  ▼

X  

FSH41 Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSH41
Description  BIPOLAR HALL EFFECT POSITION SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSH41 Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSH41 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH41 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BIPOLAR HALL EFFECT POSITION SENSOR
2007-1-24
4/5
FSH41
HALL SENSOR LOCATION
The Fig2 is hall sensor location, where marks the IC number.
Fig2 FSH41 Hall Sensor Location
ORDERING INFORMATION
MARKING INFORMATION
Unit
X
2.1
mm
Y
1.55
mm
X
Y
FSH41XXX
Package:
M: SIP3
Packing:
Blank: Tube or Bulk
Temperature Grade:
F: -40~150℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com