Electronic Components Datasheet Search
  English  ▼

X  

FSH4913 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSH4913
Description  MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSH4913 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSH4913 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
FSH4913
2007-7-19
2/10
PIN CONFIGURATION
(1) SOT23-3L/TSOT23-3L/SC70-3L
(2) SIP3L
(3) DFN6L
(Top View)
(Top View)
(Top View)
ABSOLUTE MAXIMUM RATINGS
Note: Stress above the listed absolute maximum rating may cause permanent damage to the device
OPERATING RANGE
1). A Ceramic Bypass Capacitor of 0.1uF at V
DD to GND is highly recommended.
ELECTRICAL CHARACTERISTICS
1) Operating voltage is 2.7V.
Pin
SOT23/TSOT23/SC70
SIP3L
DFN6L
Symbol
Function
1
1
1
VDD
Supply Voltage
2
3
3
VOUT
Signal Output (Open Drain)
3
2
5
GND
Ground
2
NC
Not Connected
4
NC
Not Connected
6
NC
Not Connected
Parameter
Symbol
Maximum
Unit
Supply Voltage
VDD
5.5
V
Supply Current
IDD
2.5
mA
Output Voltage
VO
5.5
V
Output Current
IO
1
mA
Operating Temperature Range
TA
-40 to 85
℃
Junction Temperature
TJ
-40 to 150
℃
Storage Temperature
TSTG
-40 to 150
℃
Magnetic Flux Density
B
unlimited
mT
Power Dissipation
PD
230
mW
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
1)
VDD
2.4
2.7
5.5
V
Output Voltage
VO
-0.3
2.7
5.5
V
Ambient Temperature
TA
-40
25
85
℃
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Averaged Supply Current
IDD(AVG)
3
1)
20
uA
Supply Current
During Operating Time
IDD(OP)
1.1
1)
mA
Supply Current
During Standby Time
IDD(STB)
2.5
1)
uA
Output Saturation Voltage
VO(SAT)
IO=1mA
0.1
0.3
V
Output Leakage Current
IO(LEAK)
0.01
1
uA
Operating Time
TOP
56
us
Standby Time
TSTB
140
ms
Duty Cycle
TOP / TSTB
0.04
%
3
1
2
GND
VDD
VOUT
1
3
2
VDD
GND
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com