Electronic Components Datasheet Search
  English  ▼

X  

FSH4913CD Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSH4913CD
Description  MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSH4913CD Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSH4913CD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913CD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913CD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913CD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913CD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913CD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913CD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913CD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSH4913CD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MICRO POWER, ULTRA-SENSITIVE HALL SWITCH
FSH4913
2007-7-19
4/10
OUTPUT-SIGNAL FSH4913
TYPICAL PERFORMANCE CHARACTERISTICS
BOPS
BRPS
BRPN
BOPN
B
VOUT
VOH
VOL
0
Turn ON
Turn OFF
T [oC]
-40
B[G]
-20
0
2040
6080
-80
-60
-40
-20
0
20
40
60
80
BOPS
BRPS
BRPN
BOPN
Magnetic switching points versus temperature (VDD=2.7V)
VDD [V]
2.5
IDD[uA]
3
3.5
4
4.5
5
5.5
0
2
4
6
8
10
12
14
16
Average current versus supply voltage
18
20
T [oC]
-40
IDD[uA]
-20
0
20
40
60
80
0
2
4
6
8
10
Average current versus temperature (VDD=2.7V)
VDD [V]
2.5
B[G]
3
3.5
4
4.5
5
5.5
-80
-60
-40
-20
0
20
40
60
80
BOPS
BRPS
BRPN
BOPN
Magnetic switching points versus supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com