Electronic Components Datasheet Search
  English  ▼

X  

TDA7442 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7442
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7442 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7442 Datasheet HTML 7Page - STMicroelectronics TDA7442 Datasheet HTML 8Page - STMicroelectronics TDA7442 Datasheet HTML 9Page - STMicroelectronics TDA7442 Datasheet HTML 10Page - STMicroelectronics TDA7442 Datasheet HTML 11Page - STMicroelectronics TDA7442 Datasheet HTML 12Page - STMicroelectronics TDA7442 Datasheet HTML 13Page - STMicroelectronics TDA7442 Datasheet HTML 14Page - STMicroelectronics TDA7442 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
TDA7442 - TDA7442D
X = INDIFFERENT 0,1
SPEAKER ATTENUATION = 0dB ~ -79dB
MSB
LSB
TREBLE
D7
D6
D5
D4
D3
D2
D1
D0
2 dB STEPS
0
1101
110
-2
0
1111
110
0
1
1111
110
0
1
1101
110
2
1
1011
110
4
1
1001
110
6
1
0111
110
8
1
0101
110
10
1
0011
110
12
1
0001
110
14
INPUT SELECTION
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
INPUT MULTIPLEXER
X
000
IN2
X
010
IN3
X
100
IN4
X
110
IN1
TREBLE SELECTION
MSB
LSB
TREBLE
D7
D6
D5
D4
D3
D2
D1
D0
2 dB STEPS
00
00
11
10
-14
00
01
11
10
-12
00
10
11
10
-10
00
11
11
10
-8
01
00
11
10
-6
01
01
11
10
-4
01
10
11
10
-2
01
11
11
10
0
11
11
11
10
0
11
10
11
10
2
11
01
11
10
4
11
00
11
10
6
10
11
11
10
8
10
10
11
10
10
10
01
11
10
12
10
00
11
10
14
INPUT SELECTION
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
INPUT MULTIPLEXER
X0
0
0
IN2
X0
1
0
IN3
X1
0
0
IN4
X1
1
0
IN1
5.2 Surround Selection (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com