Electronic Components Datasheet Search
  English  ▼

X  

BFS17A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFS17A
Description  Silicon NPN Planar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFS17A Datasheet(HTML) 3 Page - Vishay Siliconix

  BFS17A Datasheet HTML 1Page - Vishay Siliconix BFS17A Datasheet HTML 2Page - Vishay Siliconix BFS17A Datasheet HTML 3Page - Vishay Siliconix BFS17A Datasheet HTML 4Page - Vishay Siliconix BFS17A Datasheet HTML 5Page - Vishay Siliconix BFS17A Datasheet HTML 6Page - Vishay Siliconix BFS17A Datasheet HTML 7Page - Vishay Siliconix BFS17A Datasheet HTML 8Page - Vishay Siliconix BFS17A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BFS17A / BFS17AR / BFS17AW
Document Number 85039
Rev. 1.6, 08-Sep-08
Vishay Semiconductors
www.vishay.com
3
Common Emitter S-Parameters
Z0 = 50 Ω, Tamb = 25 °C, unless otherwise specified
VCE/V
IC/mA
f/MHz
S11
S21
S12
S22
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
deg
deg
deg
deg
5
2
100
0.829
-29.5
6.22
158.9
0.028
74.2
0.965
-8.9
300
0.672
-79.5
4.80
126.1
0.064
53.3
0.812
-19.2
500
0.544
-113.6
3.54
105.6
0.078
45.2
0.707
-21.7
800
0.457
-145.4
2.43
88.0
0.087
45.7
0.648
-22.5
1000
0.442
-160.1
2.03
79.5
0.093
49.6
0.639
-23.9
1200
0.444
-172.5
1.77
72.2
0.101
54.0
0.634
-26.6
1500
0.463
172.1
1.49
61.7
0.117
60.6
0.619
-31.5
1800
0.474
159.0
1.31
52.3
0.142
65.5
0.596
-36.2
2000
0.493
153.0
1.22
45.0
0.168
65.6
0.559
-39.7
5
5
100
0.658
-45.1
12.07
149.5
0.025
69.6
0.909
-14.4
300
0.485
-106.3
7.43
113.4
0.048
55.1
0.668
-23.0
500
0.409
-139.6
4.93
96.8
0.061
55.7
0.572
-21.6
800
0.370
-166.3
3.23
82.7
0.080
61.4
0.537
-19.7
1000
0.369
-177.7
2.65
75.8
0.094
64.1
0.540
-20.6
1200
0.373
173.9
2.28
69.3
0.110
66.3
0.540
-23.3
1500
0.397
162.7
1.89
60.3
0.136
68.2
0.529
-28.0
1800
0.417
152.7
1.64
51.7
0.166
68.2
0.510
-31.5
2000
0.440
148.7
1.52
44.4
0.193
65.2
0.479
-33.4
5
10
100
0.480
-65.1
17.64
139.7
0.020
67.8
0.833
-19.2
300
0.376
-130.2
8.89
105.3
0.039
62.6
0.570
-22.9
500
0.355
-158.2
5.66
91.6
0.055
66.2
0.499
-19.4
800
0.336
-179.7
3.63
79.6
0.081
69.7
0.484
-16.6
1000
0.336
171.9
2.95
73.5
0.098
70.8
0.492
-17.6
1200
0.343
165.2
2.53
67.7
0.117
71.2
0.497
-20.5
1500
0.370
157.2
2.09
59.3
0.145
70.8
0.486
-25.1
1800
0.393
149.1
1.80
50.9
0.177
69.0
0.470
-28.2
2000
0.420
147.0
1.66
44.0
0.204
65.1
0.445
-29.1
5
15
100
0.390
-81.5
20.46
133.8
0.018
67.5
0.780
-21.3
300
0.344
-143.8
9.34
101.4
0.036
66.9
0.532
-21.6
500
0.340
-167.0
5.87
89.3
0.054
70.8
0.476
-17.3
800
0.332
174.4
3.74
78.1
0.081
73.0
0.470
-14.7
1000
0.333
167.1
3.04
72.2
0.100
73.1
0.481
-15.9
1200
0.336
161.9
2.60
66.7
0.119
72.8
0.485
-19.2
1500
0.367
155.3
2.14
58.5
0.149
71.8
0.476
-23.7
1800
0.391
147.4
1.84
50.6
0.181
69.5
0.461
-26.8
2000
0.416
145.8
1.70
43.6
0.207
65.3
0.437
-27.5
5
20
100
0.342
-95.6
21.91
129.4
0.016
68.3
0.743
-21.9
300
0.337
-152.5
9.44
99.0
0.035
70.3
0.515
-19.9
500
0.340
-172.8
5.85
87.8
0.053
73.6
0.469
-16.0
800
0.333
170.8
3.74
77.0
0.081
75.0
0.469
-13.6
1000
0.334
164.8
3.03
71.4
0.100
74.4
0.482
-15.1
1200
0.342
159.2
2.59
65.9
0.120
73.9
0.485
-18.4
1500
0.371
153.9
2.14
57.8
0.149
72.7
0.476
-23.1
1800
0.398
147.0
1.84
49.7
0.181
70.2
0.461
-26.2
2000
0.423
144.8
1.69
42.8
0.207
65.8
0.438
-27.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com