Electronic Components Datasheet Search
  English  ▼

X  

IRLR014TRLPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IRLR014TRLPBF
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLR014TRLPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  IRLR014TRLPBF Datasheet HTML 1Page - Vishay Siliconix IRLR014TRLPBF Datasheet HTML 2Page - Vishay Siliconix IRLR014TRLPBF Datasheet HTML 3Page - Vishay Siliconix IRLR014TRLPBF Datasheet HTML 4Page - Vishay Siliconix IRLR014TRLPBF Datasheet HTML 5Page - Vishay Siliconix IRLR014TRLPBF Datasheet HTML 6Page - Vishay Siliconix IRLR014TRLPBF Datasheet HTML 7Page - Vishay Siliconix IRLR014TRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
Document Number: 91321
6
S-Pending-Rev. A, 21-Jul-08
IRLR014, IRLU014, SiHLR014, SiHLU014
Vishay Siliconix
Fig. 12a - Unclamped Inductive Test Circuit
Fig. 12b - Unclamped Inductive Waveforms
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
R
G
IAS
0.01
Ω
tp
D.U.T
L
V
DS
+
-
V
DD
5 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
Q
GS
Q
GD
Q
G
VG
Charge
5 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com