Electronic Components Datasheet Search
  English  ▼

X  

FSP2200 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2200
Description  3 PIN MICROPROCESSOR RESET MONITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2200 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2200 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2200 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3 PIN MICROPROCESSOR RESET MONITORS
FSP2200
2007-2-8
3/7
ELECTRICAL CHARACTERISTICS
(CONTINUED)
(Vcc=full range, TA = -40°C to +105°C(SOT23) or TA = -40°C to +125°C(SOT323)unless otherwise noted.)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
TA=+25°C
4.56
4.63
4.70
TA=-40°C to +85°C
4.50
4.75
FSP2200-
4.63
TA=-40°C to +125°C
4.44
4.82
TA=+25°C
4.31
4.38
4.45
TA=-40°C to +85°C
4.25
4.50
FSP2200-
4.38
TA=-40°C to +125°C
4.20
4.56
TA=+25°C
3.04
3.08
3.11
TA=-40°C to +85°C
3.00
3.15
FSP2200-
3.08
TA=-40°C to +125°C
2.95
3.21
TA=+25°C
2.89
2.93
2.96
TA=-40°C to +85°C
2.85
3.00
FSP2200-
2.93
TA=-40°C to +125°C
2.81
3.05
TA=+25°C
2.59
2.63
2.66
TA=-40°C to +85°C
2.55
2.70
FSP2200-
2.63
TA=-40°C to +125°C
2.52
2.74
TA=+25°C
2.28
2.32
2.35
TA=-40°C to +85°C
2.25
2.38
Reset Threshold
(SOT323)
VTH
FSP2200-
2.32
TA=-40°C to +125°C
2.22
2.42
V
Reset Threshold
Tempco
30
ppm/°C
Vcc to Reset
Delay
Vcc= VTH to (VTH-100mV)
20
μ
s
TA=-40°C to +85°C
140
240
560
Reset Active
Timeout
Period(SOT23)
TA=-40°C to +105°C
100
840
TA=-40°C to +85°C
140
240
460
Reset Active
Timeout
Period(SOT323)
TA=-40°C to +125°C
100
840
ms
Vcc=VTH min, ISINK=1.2mA
FSP2200-2.32/2.63/2.93/3.08
0.3
Vcc=VTH min, ISINK=3.2mA
FSP2200-4.00/4.38/4.63
0.4
RESET Output
Voltage Low
(push-pull active
low)
VOL
Vcc>1.0V, ISINK=50µA
0.3
V
Vcc>VTH max, ISOURCE=500µA
FSP2200-2.32/2.63/2.93/3.08
0.8Vcc
RESET Output
Voltage High
(push-pull active
low)
VOH
Vcc>VTH max, ISOURCE=80µA
FSP2200-4.00/4.38/4.63
Vcc-1.5
V
Typical Values: TA=-+25°C Vcc=5V for FSP2200-4.00/4.38/4.63
Vcc=3.3V for FSP2200-3.08/2.93
Vcc=3V for FSP2200-2.63
Vcc=2.5V for FSP2200-2.32



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com