Electronic Components Datasheet Search
  English  ▼

X  

FSP3124 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3124
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3124 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3124 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3124 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-3-27
3/9
FSP3124
ELECTRICAL CHARACTERISTICS (CONTINUED)
Symbol
Parameter
Conditions
Typ.
Limit
Unit
VFB
Output Feedback
5V≤VIN≤22V
0.2A≤ILOAD≤3A
VOUT programmed for
3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
FSP3124-ADJ
η
Efficiency
VIN =12V,
ILOAD =3A
75
%
VOUT
Output voltage
5.5V≤VIN≤22V
0.2A≤ILOAD≤3A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
FSP3124-3.3V
η
Efficiency
VIN =12V,
ILOAD =3A
75
%
VOUT
Output voltage
8V≤VIN≤22V
0.2A≤ILOAD≤3A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
FSP3124-5.0V
η
Efficiency
VIN =12V,
ILOAD =3A
80
%
VOUT
Output voltage
15V≤VIN≤22V
0.2A≤ILOAD≤3A
12
11.52/11.4
12.48/12.6
V
VMIN
VMAX
FSP3124-12V
η
Efficiency
VIN =16V,
ILOAD =3A
90
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25
ºC.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com