Electronic Components Datasheet Search
  English  ▼

X  

TDA7454 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7454
Description  4 x 35W HIGH EFFICIENCY QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7454 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7454 Datasheet HTML 5Page - STMicroelectronics TDA7454 Datasheet HTML 6Page - STMicroelectronics TDA7454 Datasheet HTML 7Page - STMicroelectronics TDA7454 Datasheet HTML 8Page - STMicroelectronics TDA7454 Datasheet HTML 9Page - STMicroelectronics TDA7454 Datasheet HTML 10Page - STMicroelectronics TDA7454 Datasheet HTML 11Page - STMicroelectronics TDA7454 Datasheet HTML 12Page - STMicroelectronics TDA7454 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Table 1: MODE SELECTION TABLE OPERATION OF THE DEVICE
1) STD/HI-EFF (pin 16 = OPEN)
STANDARD QUAD
BRIDGE MODE
HIGH-EFF QUAD
BRIDGE MODE
STANDARD QUAD
SINGLE-ENDED MODE
ST-BY MODE
100
150
17 0
Tchip (deg)
2) STD/HI-EFF (pin 16 = GND)
HIGH-EFF QUAD BRIDGE MODE
STANDARD QUAD
SINGLE-ENDED MODE
ST-BY MODE
150
170
Tchip (deg)
3) STD/HI-EFF (pin 16 connected as shown in the figure below.
STANDARD QUAD
BRIDGE MODE OR
HIGH-EFF MODE
(Theatsink dependent)
HIGH-EFF QUAD
BRIDGE MODE
STANDARD QUAD
SINGLE-ENDED MODE
ST-BY MODE
100
150
17 0
Tchip (deg)
Vref
NTC t(Theatsink)
STD/HI-EFF (pin 16)
D94AU174A
OUTPUT STAGE STABILITY
The TDA7454’s is intrinsically stable and will
properly drive any kind of conventional car-radio
speakers without the need of supplementary out-
put compensation (e.g. Boucherot cells), thus al-
lowing a drastic reduction of the external parts
whose number, abated to the essentials, reflects
that of traditional amplifiers. In this respect, per-
fect pin-to-pin compatibility with the entire Sgs-
Thomson’s 4-BTL family (TDA738X) exists.
STANDARD / HIGH-EFFICIENCY OPERATION
(pin 16)
The TDA7454’s operating mode can be selected
by changing the connection of pin 16, according
to table 1.
At low battery levels (<10 V), the device will auto-
matically turn into STANDARD BRIDGE mode, in-
dependently from the status of pin 16.
Condition # 3 in table 1 is particularly useful when
the TDA7454’s operation has to be conditioned
by the temperature in other more heat-sensitive
devices in the same environment. The NTC resis-
tor is a temperature sensor, to be situated near
the critical part(s), will appropriately drive pin 16
through a
low-power transitor.
Initially the
TDA7454 can be set to operate as a STANDARD
BRIDGE, turning into HIGH EFFICIENCY mode
only if overheating is recognised in the critical
spot, thus reducing the overall temperature in the
circuit.
CLIPPING DETECTOR / DIAGNOSTIC (pin 25)
The TDA7454 is equipped with a diagnostic func-
tion whose output is available at pin 25. This pin
requires a pull-up resistor (10 KOhm min.) to a
DC source that may range from 5 V to Vcc. The
following events will be recognized and signaled
out:
Clipping
A train of negative-going pulses will appear, each
of them
syncronized with every single clipping
event taking place in ant of the outputs.
A possible application consists of filtering / inte-
grating the pulses and implement a routine for
automatically reducing / restoring the volume us-
ing microprocessor - driven audioprocessors, to
counteract the clipping sound-damagingeffects.
Overheating
Chip temperatures above 150 oC will be signaled
out at pin 25 in the form of longer-lasting pulses,
as the stepping back into the operating tempera-
ture requires some time.
TDA7454
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com