Electronic Components Datasheet Search
  English  ▼

X  

FSP3126SAD Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3126SAD
Description  WIDE INPUT 2A STEP DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3126SAD Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3126SAD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3126SAD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
WIDE INPUT 2A STEP DOWN CONVERTER
2007-5-28
9/9
FSP3126
PACKAGE INFORMATION
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.35
1.60
1.75
0.053
0.063
0.069
A1
0.10
0.25
0..004
0.010
A2
1.35
1.45
1.55
0.053
0.057
0.061
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
4.90
5.00
0.192
0.196
0.200
E
3.80
3.90
4.00
0.148
0.154
0.160
e
1.27TYP.
0.050TYP.
H
5.80
5.99
6.30
0.228
0.236
0.248
L
0.38
0.71
1.27
0.015
0.028
0.050
θ
0
ο
8
ο
0
ο
8
ο
e
B
D
7ο(4х)
0.015х45ο
VIEW “A”
7ο(4х)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com