Electronic Components Datasheet Search
  English  ▼

X  

FSP3127 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3127
Description  150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3127 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3127 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3127 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
2007-4-9
3/8
FSP3127
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCROPTION
Pin Functions
VIN
This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be present at
this pin to minimize voltage transients and to supply the switching currents needed by the regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches between (VIN - VSAT) and approximately +0.5V, with a duty cycle of
VOUT/VIN. To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin should be kept to
a minimum.
Feedback
Senses the regulated output voltage to complete the feedback loop.
ON/OFF
Allows the switching regulator circuit to be shut down using logic level signals thus dropping the total input supply
current to approximately 80 mA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator
on, and pulling this pin above 1.3V (up to a maximum of 25V) shuts the regulator down. If this shutdown feature is not
needed, the ON/OFF pin can be wired to the ground pin or it can be left open, in either case the regulator will be in the
ON condition.
TYPICAL APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com