Electronic Components Datasheet Search
  English  ▼

X  

FSP3603 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3603
Description  1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3603 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3603 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
2007-4-19
1/9
FSP3603
APPLICATIONS
Cellular and Smart Phones
Microprocessors and DSP Core Supplies
Wireless and DSL Modems
MP3 Player
Digital Still and Video Cameras
Portable Instruments
PIN CONFIGURATION
(Top View)
Pin Number
Pin Name
Pin Function
1
SW
Power Switch Pin. It is the switch node connection to Inductor.
2
GND
Ground Pin
3
FB
Feedback Input Pin. Connect FB to the center point of the external resistor
divider. The feedback threshold voltage is 1.23V.
4
SHDN
Chip Shutdown Signal Input. Logic high is normal operation mode, Logic
Low is Shutdown. Typically, this pin is connected to VIN through a 1 MΩ
resistor.
5
VOUT
Power Output Pin. VOUT is held 0.6V below than VIN in shutdown.
6
VIN
Power Supply Input. Must be closely decoupled to GND, Pin 2, with a 4.7µF
or greater ceramic capacitor.
FEATURES
High Efficiency: Up to 92%
1.2MHz Constant Switching Frequency
3.3V Output Voltage at IOUT=100mA from a
Single AA Cell; 3.3V Output Voltage at
IOUT=400mA from two AA cells
Low Start-up Voltage: 0.85V
Integrated main switch and synchronous rectifier. No
Schottky Diode Required
2.5V to 5V Output Voltage Range
Automatic Pulse Skipping Mode Operation
Tiny External Components
<1 µA Shutdown Current
Antiringing Control Reduces EMI
Space Saving 6-Pin Thin SOT23 Package
GENERAL DESCRIPTION
The FSP3603 is a 1.2MHz constant frequency, current
mode PWM step-up converter. It can supply 3.3V
output voltage at 100mA from a single AA Cell. The
device integrates a main switch and a synchronous
rectifier for high efficiency without an external Schottky
diode. A switching frequency of 1.2MHz allows the use
of tiny, low profile inductors and ceramic capacitors.
The current mode PWM operation with internal
compensation provides excellent line and load
transient characteristics. The FSP3603 features Pulse
Skipping Mode operation at light loads to avoid
unacceptable ripple voltage.
The FSP3603 is offered in a low profile (1mm) small
6-Pin SOT23 Package
2
3
6
54
1
SW
GND
FB
VIN
VOUT SHDN


Similar Part No. - FSP3603

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601MSAH FOSLINK-FSP3601MSAH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601MSH FOSLINK-FSP3601MSH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601SAH FOSLINK-FSP3601SAH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601SH FOSLINK-FSP3601SH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
More results

Similar Description - FSP3603

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217 ANALOGICTECH-AAT1217_08 Datasheet
346Kb / 13P
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
SamHop Microelectronics...
SM8237 SAMHOP-SM8237 Datasheet
336Kb / 14P
1.2MHz STEP-UP CONVERTER
logo
Monolithic Power System...
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
logo
Skyworks Solutions Inc.
AAT1217 SKYWORKS-AAT1217 Datasheet
1,001Kb / 13P
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
1.2MHz Synchronous Step-Up Converter
logo
Shenzhen Huazhimei Semi...
HM1538 HMSEMI-HM1538 Datasheet
522Kb / 7P
1.2MHz, 1.5A Up to 28V Output Micropower Step-Up Converter
logo
AiT Semiconductor Inc.
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com