Electronic Components Datasheet Search
  English  ▼

X  

FSP3601SH Datasheet(PDF) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3601SH
Description  STEP-UP DC/DC CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3601SH Datasheet(HTML) 5 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3601SH Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STEP-UP DC/DC CONTROLLER
2007-6-6
5/14
FSP3601
TYPICAL CHARACTERISTICS (CONTINUED)
0
-0.4
-0.8
-1.2 -1.6
-2.0
-10
-20
-30
-40
-50
-60
BR/CTL pin current IBR(mA)
Figure 6
Vcc=2V
Vout=0.9V
Ta=25℃
BR/CTL pin current vs.
Output source current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com