Electronic Components Datasheet Search
  English  ▼

X  

2SA1386 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SA1386
Description  POWER TRANSISTORS(15A,130W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SA1386 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SA1386 Datasheet HTML 1Page - Mospec Semiconductor 2SA1386 Datasheet HTML 2Page - Mospec Semiconductor 2SA1386 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SA1386

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA1386 SANKEN-2SA1386 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
logo
Inchange Semiconductor ...
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1386 SAVANTIC-2SA1386 Datasheet
174Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1386 JMNIC-2SA1386 Datasheet
189Kb / 4P
Silicon PNP Power Transistors
logo
Sanken electric
2SA1386 SANKEN-2SA1386 Datasheet
34Kb / 1P
Silicon PNP Epitaxial Planar Transistor
More results

Similar Description - 2SA1386

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055A MOSPEC-2N3055A Datasheet
193Kb / 4P
POWER TRANSISTORS(15A)
2N5879 MOSPEC-2N5879 Datasheet
180Kb / 4P
POWER TRANSISTORS(15A,160W)
2N6486 MOSPEC-2N6486 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
POWER TRANSISTORS(15A,175W)
2SA1215 MOSPEC-2SA1215 Datasheet
115Kb / 3P
POWER TRANSISTORS(15A,160V,150W)
2SA1302 MOSPEC-2SA1302 Datasheet
114Kb / 3P
POWER TRANSISTORS(15A,200V,150W)
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
POWER TRANSISTORS(15A,130W)
BD905 MOSPEC-BD905 Datasheet
143Kb / 3P
POWER TRANSISTORS(15A,90W)
BUV37 MOSPEC-BUV37 Datasheet
85Kb / 2P
POWER TRANSISTORS(15A,400V,100W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com