Electronic Components Datasheet Search
  English  ▼

X  

TA7 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TA7
Description  Small Signal Zener Diodes, Dual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TA7 Datasheet(HTML) 1 Page - Vishay Siliconix

  TA7 Datasheet HTML 1Page - Vishay Siliconix TA7 Datasheet HTML 2Page - Vishay Siliconix TA7 Datasheet HTML 3Page - Vishay Siliconix TA7 Datasheet HTML 4Page - Vishay Siliconix TA7 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBZ27VDA-V
Document Number 81294
Rev. 1.0, 08-Mar-06
Vishay Semiconductors
www.vishay.com
1
12
3
Common Anode
MMBZ27VDA
20048
Small Signal Zener Diodes, Dual
Features
• Dual Silicon Planar Zener Diodes with
Common Anode configurations
• Dual package provides for Bidirectional or
separate unidirectional configurations
• The dual configurations protect two separate lines
with only one device
• Peak Power: 40 W at 1 ms (Bidirectional)
• For bidirectional operation, circuit connected to
pins 1 and 2. For unidirectional operation, circuit
connected to pins 1 and 3 or pins 2 and 3
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOT-23 Plastic case
Weight: approx. 8.8 mg
Terminals: Solderable per MIL-STD-750,
method 2026
Packaging Codes/Options:
GS18/ 10 k per 13 " reel (8 mm tape), 10 k/box
GS08/ 3 k per 7 " reel (8 mm tape), 15 k/box
Marking:
MMBZ27VDA-V = TA7
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Nonrepetitive current pulse per Figure 2 and derate above T
amb = 25 °C per Figure 3.
2) FR-5 = 1.0 x 0.75 x 0.62 in.
3) Alumina = 0.4 x 0.3 x 0.024 in., 99.5 % alumina.
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Peak power dissipation1)
PPK
40
W
Power dissipation
on FR-5 Board2)
Tamb = 25 °C
Derate above 25 °C
Ptot
225
1.8
mW
mW/°C
Power dissipation
on Alumina Substrate3)
Tamb = 25 °C
Derate above 25 °C
Ptot
300
2.4
mW
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambiant air
RthJA
556
°C/W
Operating and storage temperature range
Tj, Tstg
- 55 to + 150
°C
e3


Similar Part No. - TA7

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TA7.0 CLARE-TA7.0 Datasheet
77Kb / 3P
HIGH-ENERGY TRIGGERED SPARK GAPS
logo
Topstek Inc.
TA7.5A4V TOPSTEK-TA7.5A4V Datasheet
175Kb / 4P
Topstek Current Transducer
logo
Teledyne FLIR LLC
TA70 FLIR-TA70 Datasheet
97Kb / 1P
Alligator Clips
logo
List of Unclassifed Man...
TA70-B8237 ETC2-TA70-B8237 Datasheet
823Kb / 2P
2U AMD G34 platform for General applications
logo
Transko Electronics, In...
TA7019AV TRANSKO-TA7019AV Datasheet
637Kb / 4P
70.0 MHz IF SAW Filter / 19.83 MHz Bandwidth
Revision 0: 21 Nov. 2007
More results

Similar Description - TA7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
Small Signal Zener Diodes, Dual
02-Feb-12
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
08-Feb-13
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
Small Signal Zener Diodes, Dual
22-Nov-11
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
08-Feb-13
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
Small Signal Zener Diodes, Dual
08-Jul-04
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
Small Signal Zener Diodes, Dual
08-Nov-16
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
Small Signal Zener Diodes, Dual
04-Mar-13
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
Small Signal Zener Diodes, Dual
27-Feb-18
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
11-Dec-2019
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
Small Signal Zener Diodes, Dual
13-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com