Electronic Components Datasheet Search
  English  ▼

X  

VHZ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VHZ
Description  Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VHZ Datasheet(HTML) 3 Page - Vishay Siliconix

  VHZ Datasheet HTML 1Page - Vishay Siliconix VHZ Datasheet HTML 2Page - Vishay Siliconix VHZ Datasheet HTML 3Page - Vishay Siliconix VHZ Datasheet HTML 4Page - Vishay Siliconix VHZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
79
VHZ Hermetic
Vishay Foil Resistors
Document Number: 63063
Revision 12-Dec-05
For technical questions, contact: foil@vishay.com
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
FIGURE 2 - POWER DERATING CURVE
NOTES:
1. Standard Resistance Tolerance: ± 0.005%; ± 0.01%;
± 0.02%; ± 0.05%; ± 0.1%; ± 0.25%; ± 0.5%; ± 1.0%.
2. Not to exceed power rating of resistor.
3. See Figure 2 below.
4. 0.200" (5.08 mm) lead spacing available for VH102Z,
specify VH102ZL.
5. Maximum is 1.0% A.Q.L. standard for all specifications
except TCR. (For TCR information see notes 6 -8.)
Typical is a designers reference which represents that
85% of the units supplied, over a long period of time, will
be at least the figure shown or better.
6. Vishay Nominal TCR is defined as the chord slopes of
the relative change of resistance/temperature, expressed
in ppm (parts per million), called (RT) curve from 0°C to
+ 25°C and + 25°C to + 60°C (“Instrument” Range); and
from – 55°C to + 25°C and + 25°C to + 125°C (“Military”
Range). These specifications and the definition of
Nominal TCR apply to all resistance values including
low-value resistors.
7. Selected TCR Tracking is available for specially ordered
lots of resistors. The selected TCR tracking can be 3, 2,
1 and as close as 0.5ppm/°C throughout the full
temperature range.
Bulk Metal
® Foil Technology
Hermetically Sealed Resistors, Aerospace
8
TCR tracking is a measure of the similarity of resistance
value change in two or more resistors which are
undergoing the same temperature changes. Tracking
could be expressed a s the dif ference in the
temperature coefficients of the resistors, expressed in
ppm/°C as (∆R
1
/R
1
– ∆R
2
/R
2
) x 10
-6/∆T°C. When a number
of resistors are referenced to a nominal TCR, the spread
or envelope around the nominal would be the
difference. If the spread is ± 1.5ppm/°C about a nominal,
the tracking, as defined above, will be 3ppm/°C.
9. Load life ∆R Maximum can be reduced through in-
house procedures.
10. Inductance (L) due mainly to the leads.
11. The resolution limit of existing test equipment (within
the
measurement capability of the equipment, or
“essentially zero.”)
12. µV/°C relates to EMF due to lead temperature difference
and µV/watt due to power applied to the resistor.
+100
+75
+50
+25
0
–75 –50
–25
0
+25 +50
+75 +100 +125 +150 +175 +200
Ambient Temperature (°C)
–55°C
+200
+70°C Double Rated Power
Rated Power
+175
+150
+125



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com