Electronic Components Datasheet Search
  English  ▼

X  

1202LB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 1202LB
Description  Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1202LB Datasheet(HTML) 4 Page - Vishay Siliconix

  1202LB Datasheet HTML 1Page - Vishay Siliconix 1202LB Datasheet HTML 2Page - Vishay Siliconix 1202LB Datasheet HTML 3Page - Vishay Siliconix 1202LB Datasheet HTML 4Page - Vishay Siliconix 1202LB Datasheet HTML 5Page - Vishay Siliconix 1202LB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1202
Vishay Foil Resistors
Bulk Metal® Foil Technology Precision Trimming
Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to
Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63055
4
Revision: 13-Nov-07
Notes
1. Preferred Termination style for current 1-1/4 inch rectilinear
trimmers (staggered PC pins present a sturdier mounting
arrangement for shock, vibration, and impact situations).
2. 10 W at ± 5 % available on special order.
3. Maximum TCR applies to the 3
σ (sigma) limit or 99.73 % of a
production lot. (Measured end-to-end with wiper off the
element.)
4. Measurements of TCR through the wiper are influenced more
by setting stability and the percentage of the total resistance in
use (at the wiper) than by fundamental resistance change due
to temperature alone. The parameter shown in Table 3 is a 2
σ
distribution typifying the behavior of the device when used with
40 % or more of the total resistance in use.
5. Derated linearly from full power at + 85 °C to zero (0) W at
+ 150 °C. See Figure 3 in this data sheet.
6. All
ΔR’s are measured to the tolerance specified + 0.01 Ω.
7. Whichever is greater.
8. Load-Life test performed at nominal rated power, 0.5 W, at
+ 85 °C.
Special Available Options:
Special marking
Special lengths for lead wires (L, LB Style)
Hooked leads
Alternate bushing and PC combinations
Power conditioning and screening operations
VISHAY TRIMMERS ARE INSPECTED
100 % for:
• Short-time overload (6.25 x rated power for 5 s on; and for
30 s off - 3 cycles)
• Immersion
• Resistance tolerance check
• End resistance
• Visual-mechanical
• Dynamic tests for continuity, CRV
By Sample for:
•TCR
•DWV
TABLE 5 - COMPARISON
MIL-PRF-22097/2 CHARACTERISTIC F7)
1202 MAXIMUM (Worst Case)
TEST GROUP I
Visual and mechanical
Total resistance
Actual effective electrical travel
End resistance
Contact resistance variation - CRV (noise)
Dielectric withstanding voltage - DWV
(atmospheric and barometric pressure)
Insulation resistance
Shaft torque
Thermal shock
No failures
± 10 %
17 to 27 turns
± 2 % or 20
Ω7)
± 3.0 % or 3
Ω7)
Per MIL-STD-202, methods 301 and 105
≥ 1000 MΩ
8 oz. in. maximum
± 1.0 %
No failures
± 10 %
25 ± 2 turns
2
Ω
3
Ω typical, 10 Ω maximum
Per MIL-STD-202, methods 301 and 105
≥ 1000 MΩ
8 oz. in. maximum
± 1.0 %
TEST GROUP II
Resistance temperature characteristic - TCR
Moisture resistance
Contact resistance variation - CRV (noise)
± 0.01 % (± 100 ppm/°C)
± 1.0 %
3.0 % or 3
Ω7)
± 0.001 % (± 10 ppm/°C)
± 0.5 %
3
Ω typical, 10 Ω maximum
TEST GROUP III
Shock (specified pulse)
Vibration (high-frequency)
Contact resistance variation - CRV (noise)
Salt spray
± 1.0 %
± 1.0 %
± 3.0 % or 3
Ω7)
No corrosion
± 0.5 %
± 0.5 %
3
Ω typical, 10 Ω maximum
No corrosion
TEST GROUP IV
Solder heat
Life (1000 h at + 85 °C)8)
Contact resistance variation - CRV (noise)
± 1.0 %
± 2.0 %
± 3.0 % or 3
Ω7)
± 0.05 %
± 0.5 %
3
Ω typical, 10 Ω maximum
TEST GROUP V
Low-temperature operation
High-temperature exposure
Contact resistance variation - CRV (noise)
± 1.0 %
± 2.0 %
± 3.0 % or 3
Ω7)
± 0.5 %
± 0.5 %
3
Ω typical, 10 Ω maximum
TEST GROUP VI
Rotational life
Contact resistance variation - CRV (noise)
Terminal strength
± 2.0 %
± 3.0 % or 3
Ω7)
2 lbs
± 2.0 %
3
Ω typical, 10 Ω maximum
2 lbs
TEST GROUP VII
Solderability (excluding termination L)
Immersion (excluding termination L)
MIL-STD-202 method 208
No continuous stream of bubbles
MIL-STD-202 method 208
No continuous stream of bubbles
TEST GROUP VIII
Fungus
MIL-STD-810 method 508
No mechanical damage
MIL-STD-810 method 508
No mechanical damage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com