Electronic Components Datasheet Search
  English  ▼

X  

1202P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1202P
Description  Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1202P Datasheet(HTML) 3 Page - Vishay Siliconix

  1202P Datasheet HTML 1Page - Vishay Siliconix 1202P Datasheet HTML 2Page - Vishay Siliconix 1202P Datasheet HTML 3Page - Vishay Siliconix 1202P Datasheet HTML 4Page - Vishay Siliconix 1202P Datasheet HTML 5Page - Vishay Siliconix 1202P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 63055
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 13-Nov-07
3
1202
Bulk Metal® Foil Technology Precision Trimming
Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to
Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
Vishay Foil Resistors
FIGURE 2 - SCHEMATIC AND DIMENSIONS in inches (millimeters)
TOLERANCES
A = ± 0.005" (0.13 mm)
B = ± 0.003" (0.08 mm)
C = ± 0.010" (0.25 mm)
Standard marking shown on previous page.
1.250" (31.75 mm) C
0.125"
(3.18 mm) DIA (A)
G
Y
R
0.195"
(4.95 mm) A
0.325"
(8.26 mm) A
Schematic
R
G
Y
CW
3 Color Coded Leads—
# 30 AWG Teflon Coated
Insulated Stranded Wire
11.50" (292.10 mm)
Min. Length
G
Y
R
0.125"
(3.18 mm) A
0.070" (1.78 mm) C
1.000" (25.40 mm) C
0.235"
(5.97 mm) C
0.125" (3.18 mm) A
0.093" (2.36 mm) DIA (A)
2 Mtg. Holes
Slot 0.025" (0.64 mm) W x
0.031" (0.79 mm) DP (A)
1202L
(Flexible Leads)
3 Color Coded Leads—
# 30 AWG Teflon Coated
Insulated Stranded Wire
11.50" (292.10 mm)
Min. Length
G
Y
R
Schematic
R
G
Y
CW
0.125" (3.18 mm) C
0.042" (1.07 mm) B
1.000" (25.40 mm) C
0.325"
(8.26 mm) A
0.125" (3.18 mm) A
0.093" (2.36 mm) DIA (A)
2 Mtg. Holes
# 10 - 32 N.C. - 2
1.250" (31.75 mm) C
Rubber Gasket
Lockwasher
Hexnut
G
Y
R
0.280" (7.11 mm) B
0.195"
(4.95 mm) A
0.400"
(10.16 mm) A
0.300"
(7.62 mm) A
0.235"
(5.97 mm) A
Slot:
0.025" (0.64 mm) W x
0.031" (0.79 mm) DP (A)
1202LB
(Panel Mounted)
FIGURE 3 - POWER DERATING CURVE
- 75
- 50
- 25
0
+ 25 + 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature °C
+ 85 °C
+ 100
+ 75
+ 50
+ 25
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com