Electronic Components Datasheet Search
  English  ▼

X  

1202PB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1202PB
Description  Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1202PB Datasheet(HTML) 1 Page - Vishay Siliconix

  1202PB Datasheet HTML 1Page - Vishay Siliconix 1202PB Datasheet HTML 2Page - Vishay Siliconix 1202PB Datasheet HTML 3Page - Vishay Siliconix 1202PB Datasheet HTML 4Page - Vishay Siliconix 1202PB Datasheet HTML 5Page - Vishay Siliconix 1202PB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 63055
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 13-Nov-07
1
1202
Vishay Foil Resistors
Bulk Metal® Foil Technology
Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style,
Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
Note
1. See Figures 1 and 2.
FEATURES
• Temperature coefficient of resistance (TCR):
± 10 ppm/°C maximum3)
(- 55 °C to + 150 °C ref. at + 25 °C);
through the wiper4); ± 25 ppm/°C
• Load life stability: 0.1 % typical ΔR, 0.5 %
maximum
ΔR under full rated power at
+ 85 °C for 2000 h
• Settability: 0.05 % typical; 0.1 % maximum
• Setting stability: 0.1 % typical; 0.5 % maximum, ΔSS
• Power rating: 0.5 W at + 85 °C
• Resistance range: 2 Ω to 20 kΩ
• “O“-ring prevents ingress of fluids during any board
cleaning operation
• Electrostatic discharge: above 25 000 V
• Terminal finishes available: gold plated
Notes
†
Under full rated power of 0.5 W at + 85 °C.
•
Refer to page 4 for footnotes.
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - MODEL SELECTION†
MODEL
TERMINATION
STYLE
AVERAGE
WEIGHT
(g)
POWER
RATING
at + 85 °C
AMBIENT
NO. OF
TURNS
1202
P-In line PC pins
2.5
0.5 W
25 ± 2
Y-staggered PC pins1)
2.5
L-flexible wire leads
3.3
LB-flexible wire leads
with bushings
5.1
TABLE 2 - VALUES VS. TOLERANCES
STANDARD RESISTANCE
VALUES (in
Ω)
STANDARD TOLERANCES
2, 5, 10
± 10 %2), ± 20 %
20, 50, 100, 200, 250, 500,
1K, 2K, 5K, 10K, 20K
5 %, 10 %
Available
Pb-free
RoHS*
COMPLIANT
TABLE 3 - 1202 (RJ12) SERIES ELECTRICAL SPECIFICATIONS
Temperature Coefficient of Resistance (TCR)
end-to-end3)
± 10 ppm/°C maximum (- 55 °C to + 25 °C)
± 10 ppm/°C maximum (+ 25 °C to + 150 °C)
2
Ω, 5 Ω, 10 Ω, 20 Ω
through the wiper4)
± 20 ppm/°C
± 25 ppm/°C
Stability
load life at 2000 h†
load life at 10 000 h†
0.1 % typical
ΔR; 0.5 % maximum ΔR
0.1 % typical
ΔR; 1.0 % maximum ΔR
Power Rating5)
0.5 W at + 85 °C
Settability
0.05 % typical; 0.1 % maximum
Setting Stability
0.1 % typical; 0.5 % maximum
ΔSS
Contact Resistance variation - CRV (noise)
3
Ω typical; 10 Ω maximum
Hop-off
0.25 % typical; 1.0 % maximum
High-Frequency Operation
Rise time
Inductance
Capacitance
to 100 MHz
10 ns at 1 k
Ω
0.08 µH typical
0.5 pF typical
Operating Temperature Range
- 55 °C to + 150 °C
TABLE 4 - MECHANICAL SPECIFICATIONS
Adjustment Turns
25 ± 2
Case Material
Glass fortified diallyl-phthalate (DAP); black
Mechanical Stops
Wiper idles - no discontinuity
Shaft Torque
8 oz. in. maximum; 3 oz. in. typical
Internal Terminations All welded - no flux
Backlash
0.05 % typical


Similar Part No. - 1202PB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
1202P GENNUM-1202P Datasheet
231Kb / 7P
Protects up to two lines
More results

Similar Description - 1202PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1268 VISHAY-1268 Datasheet
77Kb / 2P
Bulk Metal Foil Technology Precision Trimming Potentiometers 3/8 Inch Square, RJ24 Style - Industrial Trimmer
06-Aug-02
1260 VISHAY-1260 Datasheet
113Kb / 5P
Bulk Metal® Foil Technology Precision Trimming Potentiometers, 3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
29-Feb-08
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
VTA52 VISHAY-VTA52 Datasheet
94Kb / 4P
Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
05-Jun-07
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
24-Mar-10
logo
Micropac Industries
66225 MICROPAC-66225 Datasheet
58Kb / 2P
Designed to meet or exceed MIL-PRF-19500 radiation requirements
66226 MICROPAC-66226 Datasheet
62Kb / 2P
Designed to meet or exceed MIL-PRF-19500 radiation requirements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com