Electronic Components Datasheet Search
  English  ▼

X  

BYG22D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYG22D
Description  Ultrafast Avalanche SMD Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG22D Datasheet(HTML) 3 Page - Vishay Siliconix

  BYG22D Datasheet HTML 1Page - Vishay Siliconix BYG22D Datasheet HTML 2Page - Vishay Siliconix BYG22D Datasheet HTML 3Page - Vishay Siliconix BYG22D Datasheet HTML 4Page - Vishay Siliconix BYG22D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYG22A thru BYG22D
Vishay General Semiconductor
Document Number: 88959
Revision: 27-Aug-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Reverse Current vs. Junction Temperature
Figure 4. Max. Reverse Power Dissipation vs. Junction Temperature
Figure 5. Diode Capacitance vs. Reverse Voltage
1
10
100
25
50
75
100
125
150
Junction Temperature (°C)
V
R = VRRM
P
R - Limit
at 100 % V
R
0
10
20
30
40
50
25
50
75
100
125
150
Junction Temperature (°C)
V
R = VRRM
P
R - Limit
at 80 % V
R
0
10
20
30
40
50
60
70
0.1
1
10
100
f = 1 MHz
Reverse Voltage (V)
Figure 6. Max. Reverse Recovery Time vs. Forward Current
Figure 7. Max. Reverse Recovery Charge vs. Forward Current
Figure 8. Thermal Response
0
0.2
0.4
0.6
0.8
0
20
40
60
80
140
1.0
100
120
T
A = 125 °C
I
R = 0.5 A, iR = 0.125 A
Forward Current (A)
T
A = 100 °C
T
A = 75 °C
T
A = 25 °C
T
A = 50 °C
T
A = 125 °C
0
0
10
20
30
40
60
0.2
0.4
0.6
0.8
1.0
50
Forward Current (A)
I
R = 0.5 A, iR = 0.125 A
T
A = 100 °C
T
A = 75 °C
T
A = 25 °C
T
A = 50 °C
1
10
100
1000
Pulse Length (s)
10-5
10-4
10-3
10-2
10-1
100
101
102
Single Pulse
125 K/W DC
t
p/T = 0.5
t
p/T = 0.2
t
p/T = 0.1
t
p/T = 0.02
t
p/T = 0.05
t
p/T = 0.01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com