Electronic Components Datasheet Search
  English  ▼

X  

601D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 601D
Description  Aluminum Capacitors 105 °C, Tubular, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

601D Datasheet(HTML) 1 Page - Vishay Siliconix

  601D Datasheet HTML 1Page - Vishay Siliconix 601D Datasheet HTML 2Page - Vishay Siliconix 601D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 42039
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 10-Jul-08
481
Aluminum Capacitors
+ 105 °C, Tubular, Axial Lead
601D
Vishay Sprague
FEATURES
• Temperature range - 55 °C to + 105 °C
• Long life
• Low ESR
• Available on special order - Call Vishay representative for
part numbers and specifications
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
Ø D x L in mm
0.625" x 1.125" [15.875 x 28.575]
to 1.0" x 3.625" [25.4 x 92.075]
Operating temperature
- 55 °C to + 105 °C
Rated Capacitance range, CR
12 µF to 33 000 µF
Tolerance on CR
- 10 %, + 50 %
Rated voltage range, UR
6.3 WVDC to 300 WVDC
Termination
Axial leads
Life validation test at 105 °C
2000 hours:
Δ CAP ≤ 15 % from
initial measurement.
Δ ESR ≤ 1.25 x initial
specified limit.
Δ DCL ≤ initial specified limit.
Shelf life at 105 °C
500 hours:
Δ CAP ≤ 10 % from
initial measurement.
Δ ESR ≤ 1.15 x initial
specified limit.
Δ DCL ≤ 2.0 x initial
specified limit.
DC leakage current
I = K
K = 0.5 at + 25 °C; = 3.0 at + 105 °C
I in µA, C in µF, V in Volts
Fig.1 Component outlines
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
Ambient Temperature
Multipliers
+ 105 °C
0.4
+ 65 °C
1.4
+ 45 °C
1.7
+ 25 °C
2.0
FREQUENCY (Hz)
WVDC
50 - 60
300 - 400
1000 AND UP
0 - 60
0.85
1.10
1.15
61 - 250
0.83
1.15
1.20
LOW TEMPERATURE PERFORMANCE
CAPACITANCE RATIO C - 55 °C/C + 25 °C MINIMUM at 120 Hz
Rated Voltage WVDC
Capacitance Remaining
0 - 25
75
26 - 100
80
101 - 250
85
ESR RATIO ESR - 55 °C/ESR + 25 °C MAXIMUM at 120 Hz
Rated Voltage WVDC
Multiplier
0 - 9
10
10 - 40
12
41 - 250
18
DIMENSIONS in inches [millimeters]
CASE
CODE
STYLE 1 AND 2
INSULATING SLEEVE
STYLE 5 AND 7
INSULATING SLEEVE, COATED END SEAL
TYPICAL
WEIGHT
DL
D
L
FE
0.635 ± 0.020
[16.1 ± 0.51]
1.141 ± 0.062
[29.0 ± 1.57]
0.635 ± 0.020
[16.1 ± 0.51]
1.187 ± 0.062
[30.2 ± 1.57]
0.32 oz.
(9.0 g)
FJ
0.635 ± 0.020
[16.1 ± 0.51]
1.641 ± 0.062
[41.7 ± 1.57]
0.635 ± 0.020
[16.1 ± 0.51]
1.687 ± 0.062
[42.9 ± 1.57]
0.39 oz.
(11.0 g)
FL
0.635 ± 0.020
[16.1 ± 0.51]
2.141 ± 0.062
[54.4 ± 1.57]
0.635 ± 0.020
[16.1 ± 0.51]
2.187 ± 0.062
[55.6 ± 1.57]
0.53 oz.
(15.0 g)
FP
0.635 ± 0.020
[16.1 ± 0.51]
2.641 ± 0.062
[67.1 ± 1.57]
0.635 ± 0.020
[16.1 ± 0.51]
2.687 ± 0.062
[68.3 ± 1.57]
0.63 oz.
(18.0 g)
FS
0.635 ± 0.020
[16.1 ± 0.51]
3.141 ± 0.062
[79.8 ± 1.57]
0.635 ± 0.020
[16.1 ± 0.51]
3.187 ± 0.062
[81.0 ± 1.57]
0.88 oz.
(25.0 g)
FT
0.635 ± 0.020
[16.1 ± 0.51]
3.641 ± 0.062
[92.5 ± 1.57]
0.635 ± 0.020
[16.1 ± 0.51]
3.687 ± 0.062
[93.7 ± 1.57]
0.98 oz.
(28.0 g)
GE
0.760 ± 0.020
[19.3 ± 0.51]
1.141 ± 0.062
[29.0 ± 1.57]
0.760 ± 0.020
[19.3 ± 0.51]
1.187 ± 0.062
[30.2 ± 1.57]
0.46 oz.
(13.0 g)
GJ
0.760 ± 0.020
[19.3 ± 0.51]
1.641 ± 0.062
[41.7 ± 1.57]
0.760 ± 0.020
[19.3 ± 0.51]
1.687 ± 0.062
[42.9 ± 1.57]
0.67 oz.
(19.0 g)


Similar Part No. - 601D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D Datasheet
43Kb / 2P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
17-Nov-06
601D107F150FL1 VISHAY-601D107F150FL1 Datasheet
115Kb / 9P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D107F150GJ1 VISHAY-601D107F150GJ1 Datasheet
115Kb / 9P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D107F150JE1 VISHAY-601D107F150JE1 Datasheet
115Kb / 9P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D107F200FP1 VISHAY-601D107F200FP1 Datasheet
115Kb / 9P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
More results

Similar Description - 601D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D Datasheet
43Kb / 2P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
17-Nov-06
53D VISHAY-53D Datasheet
170Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
22-Jul-08
30D VISHAY-30D Datasheet
174Kb / 5P
Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
22-Jul-08
U673D VISHAY-U673D Datasheet
384Kb / 13P
Aluminum Capacitors 105 °C, Tubular Radial Lead
16-Jul-08
30D VISHAY-30D_13 Datasheet
76Kb / 5P
Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
16-Apr-13
53D VISHAY-53D_13 Datasheet
77Kb / 4P
Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
24-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
604D VISHAY-604D_V01 Datasheet
100Kb / 6P
Aluminum Capacitors 4-Terminal, Tubular, Axial Lead
20-Jul-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com