Electronic Components Datasheet Search
  English  ▼

X  

CTC3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CTC3
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CTC3 Datasheet(HTML) 4 Page - Vishay Siliconix

  CTC3 Datasheet HTML 1Page - Vishay Siliconix CTC3 Datasheet HTML 2Page - Vishay Siliconix CTC3 Datasheet HTML 3Page - Vishay Siliconix CTC3 Datasheet HTML 4Page - Vishay Siliconix CTC3 Datasheet HTML 5Page - Vishay Siliconix CTC3 Datasheet HTML 6Page - Vishay Siliconix CTC3 Datasheet HTML 7Page - Vishay Siliconix CTC3 Datasheet HTML 8Page - Vishay Siliconix CTC3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Document Number: 40112
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 14-May-08
51
793DX-793DE-CTC3-CTC4
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, CECC Approved
Vishay Sprague
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DC
LEAKAGE
at + 25 °C
(µA)
MAX. DF
at + 25 °C
(%)
MAX. ESR
at + 25 °C
100 kHz (
Ω)
IMPEDANCE
(Z)
at + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
10 VDC at + 85 °C, 7 VDC at + 125 °C
1.5
A
793DX155(1)010A(2)
0.5
6
8.0
10.5
0.10
1.5
A
793DE155(1)010A(2)
0.5
6
8.0
10.5
0.10
1.5
A
CTC3155(1)010A(2)
0.5
6
8.0
10.5
0.10
1.5
A
CTC4155(1)010A(2)
0.5
6
8.0
10.5
0.10
2.2
A
793DE225(1)010A(2)
0.5
6
6.3
8.0
0.11
4.7
B
793DX475(1)010B(2)
0.5
6
3.4
4.5
0.16
4.7
B
793DE475(1)010B(2)
0.5
6
3.4
4.5
0.16
4.7
B
CTC3475(1)010B(2)
0.5
6
3.4
4.5
0.16
4.7
B
CTC4475(1)010B(2)
0.5
6
3.4
4.5
0.16
6.8
B
793DE685(1)010B(2)
0.7
6
2.9
3.8
0.17
15
C
793DX156(1)010C(2)
1.5
6
1.8
2.5
0.25
15
C
793DE156(1)010C(2)
1.5
6
1.8
2.5
0.25
15
C
CTC3156(1)010C(2)
1.5
6
1.8
2.5
0.25
15
C
CTC4156(1)010C(2)
1.5
6
1.8
2.5
0.25
33
D
793DX336(1)010D(2)
3.3
6
0.8
1.3
0.43
33
D
793DE336(1)010D(2)
3.3
6
0.8
1.3
0.43
33
D
CTC3336(1)010D(2)
3.3
6
0.8
1.3
0.43
33
D
CTC4336(1)010D(2)
3.3
6
0.8
1.3
0.43
47
D
793DX476(1)010D(2)
4.7
6
0.7
1.0
0.46
47
D
793DE476(1)010D(2)
4.7
6
0.7
1.0
0.46
47
D
CTC3476(1)010D(2)
4.7
6
0.7
1.0
0.46
47
D
CTC4476(1)010D(2)
4.7
6
0.7
1.0
0.46
16 VDC at + 85 °C, 10 VDC at + 125 °C
1.0
A
793DX105(1)016A(2)
0.5
4
9.3
11.0
0.09
1.0
A
793DE105(1)016A(2)
0.5
4
9.3
11.0
0.09
1.0
A
CTC3105(1)016A(2)
0.5
4
9.3
11.0
0.09
1.0
A
CTC4105(1)016A(2)
0.5
4
9.3
11.0
0.09
1.5
A
793DE155(1)016A(2)
0.5
6
6.7
9.0
0.11
3.3
B
793DX335(1)016B(2)
0.5
6
3.5
5.0
0.16
3.3
B
793DE335(1)016B(2)
0.5
6
3.5
5.0
0.16
3.3
B
CTC3335(1)016B(2)
0.5
6
3.5
5.0
0.16
3.3
B
CTC4335(1)016B(2)
0.5
6
3.5
5.0
0.16
4.7
B
793DE475(1)016B(2)
0.8
6
2.9
4.0
0.17
10
C
793DX106(1)016C(2)
1.6
6
1.8
2.5
0.25
10
C
793DE106(1)016C(2)
1.6
6
1.8
2.5
0.25
10
C
CTC3106(1)016C(2)
1.6
6
1.8
2.5
0.25
10
C
CTC4106(1)016C(2)
1.6
6
1.8
2.5
0.25
22
D
793DX226(1)016D(2)
3.5
6
0.8
1.5
0.43
22
D
793DE226(1)016D(2)
3.5
6
0.8
1.5
0.43
22
D
CTC3226(1)016D(2)
3.5
6
0.8
1.5
0.43
22
D
CTC4226(1)016D(2)
3.5
6
0.8
1.5
0.43
33
D
793DX336(1)016D(2)
5.3
6
0.7
1.2
0.46
33
D
793DE336(1)016D(2)
5.3
6
0.7
1.2
0.46
33
D
CTC3336(1)016D(2)
5.3
6
0.7
1.2
0.46
33
D
CTC4336(1)016D(2)
5.3
6
0.7
1.2
0.46
Notes:
• (1) Tolerance: X0, X9
• (2) Terminations and Packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com