Electronic Components Datasheet Search
  English  ▼

X  

1421 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1421
Description  Bulk Metal® Foil Technology 12 Pin Transistor Outline Hermetic Resistor Network
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1421 Datasheet(HTML) 1 Page - Vishay Siliconix

  1421 Datasheet HTML 1Page - Vishay Siliconix 1421 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For technical questions in the Americas, contact foilsupport1@vishay.com
For technical questions in Asia/Japan/Europe/Africa/Israel, contact foilsupport2@vishay.com
Document Number: 63042
Revision 08-Mar-05
www.vishay.com
124
1421
Vishay Foil Resistors
• ISRAEL: foilsales.israel@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com • UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com • GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
SALES
Bulk Metal
® Foil Technology
12 Pin Transistor Outline Hermetic Resistor Network
The 12 pin TO-8 package is suitable for ladder networks up to ten
bits and other more complicated networks. It is also a good
choice when power dissipation is a consideration. This network
can contain up to 49, V5X5 resistor chips.
Review data sheet “7 Technical Reasons to Specify Bulk
Metal® Foil Resistor Networks.”
VISHAY
CHIP
MAXIMUM POWER RATING
MODEL NUMBER
CAPACITY
(WATTS) @ +70
°C
1421
V5X5 - 49 chips
0.6 Watt
NOTES:
1. These networks utilize Vishay Bulk Metal
® Foil resistor
chips V5X5 and V15X5 or VTF15X10 Thin Film chips.
2. The V5X5 and V15X5 chips have maximum resistance
values of 10K and 33K respectively in Bulk Metal
® Foil
and 500K in VTF15X5 Thin Film chips.
ORDERING INFORMATION - 1421 PARTS
Networks are built to your requirements. Send your schematic and
electrical requirements to the Applications Engineering Depart-
ment. (See data sheet “Network Worksheet.”) A unique part
number will be assigned which defines all aspects of your network.
6
5
4
3
1
9
8
7
R5
R3
R2
R1
R8
R7
R6
1
3
4
6
7
9
10
12
R4
2
NOTE: Usable area is represented by dotted lines— a square
0.350 Inches x 0.350 Inches. Illustrations not to scale.
Chips shown undersize for clarity. Drawing view is from
the top looking down into the package.
10
11
12
2
5
8
11
FIGURE 2 - SAMPLE CIRCUIT DESIGN AND CHIP LAYOUT
88
7
6
5
4
3
21
12
11
10
0.150
(3.81)
MAXIMUM
12 LEADS
0.016 –0.019
(0.41 –0.48)
0.590 –0.610
(14.99 –15.49) DIAMETER
0.500
(12.7)
0.540 –0.560
(13.71 –14.22)
0.026 –0.036
(0.66 –0.91)
0.100
(2.54)
0.400
(10.16)
TYPICAL
0.200
(5.08)
TYPICAL
0.026 –0.036
(0.66 –0.91)
0.200
(5.08)
VIEWED FROM BOTTOM
FOUR DIVIDERS
FIGURE 1 - STANDARD DIMENSIONS in inches (millimeters)
Product may not
be to scale
MINIMUM
TYPICAL
TYPICAL


Similar Part No. - 1421

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1421 HAMMOND-1421 Datasheet
60Kb / 1P
Vis a tete fraisee 10-32 avec rondelles a collerette en acier pour bati
logo
List of Unclassifed Man...
1421-1 ETC2-1421-1 Datasheet
430Kb / 1P
MICRO PINS
14210 ETC2-14210 Datasheet
89Kb / 2P
5 Minute Epoxy
logo
PHOENIX CONTACT
1421004 PHOENIX-1421004 Datasheet
1Mb / 13P
SAC-5P-5,0-500/M12FR FB - Sensor/actuator cable
1421079 PHOENIX-1421079 Datasheet
360Kb / 9P
SACC-E-M12MS-3CON-NPT12/1,0 - Panel feedthrough
More results

Similar Description - 1421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1401 VISHAY-1401 Datasheet
51Kb / 1P
Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network
31-Jul-02
1403 VISHAY-1403 Datasheet
62Kb / 1P
Bulk Metal Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
31-Jul-02
1476 VISHAY-1476 Datasheet
117Kb / 1P
Bulk Metal Foil Technology 30 Pin Flatpack Hermetic Resistor Network
26-Mar-02
1413 VISHAY-1413 Datasheet
69Kb / 1P
Bulk Metal Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
30-Jul-02
1401 VISHAY-1401_08 Datasheet
102Kb / 2P
Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network
02-Mar-05
1403 VISHAY-1403_08 Datasheet
114Kb / 2P
Bulk Metal® Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
02-Mar-05
1413 VISHAY-1413_08 Datasheet
119Kb / 2P
Bulk Metal® Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
1417 VISHAY-1417 Datasheet
130Kb / 2P
Bulk Metal® Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
07-Mar-05
1419 VISHAY-1419 Datasheet
111Kb / 2P
Bulk Metal® Foil Technology 10 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
1422 VISHAY-1422 Datasheet
104Kb / 2P
Bulk Metal® Foil Technology 16 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com