Electronic Components Datasheet Search
  English  ▼

X  

TDA7575 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7575
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7575 Datasheet HTML 7Page - STMicroelectronics TDA7575 Datasheet HTML 8Page - STMicroelectronics TDA7575 Datasheet HTML 9Page - STMicroelectronics TDA7575 Datasheet HTML 10Page - STMicroelectronics TDA7575 Datasheet HTML 11Page - STMicroelectronics TDA7575 Datasheet HTML 12Page - STMicroelectronics TDA7575 Datasheet HTML 13Page - STMicroelectronics TDA7575 Datasheet HTML 14Page - STMicroelectronics TDA7575 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
TDA7575
Examples of bytes sequence
1 - Turn-On diagnostic - Write operation
2 - Turn-On diagnostic - Read operation
The delay from 1 to 2 can be selected by software, starting from T.B.D. ms
3a - Turn-On of the power amplifier with mute on, diagnostic defeat.
3b - Turn-Off of the power amplifier
4 - Offset detection procedure enable
5 - Offset detection procedure stop and reading operation (the results are valid only for the offset detection bits
(D2 of the bytes DB1, DB2, DB3, DB4).
s
The purpose of this test is to check if a D.C. offset (2V typ.) is present on the outputs, produced by input
capacitor with anomalous leackage current or humidity between pins.
s
The delay from 4 to 5 can be selected by software, starting from T.B.D. ms
DIAGNOSTICS FUNCTIONAL DESCRIPTION:
a) TURN-ON DIAGNOSTIC.
It is activated at the turn-on (stand-by out) under I
2C bus request. Detectable output faults are:
–SHORT TO GND
–SHORT TO Vs
– SHORT ACROSS THE SPEAKER
– OPEN SPEAKER
To verify if any of the above misconnections are in place, a subsonic (inaudible) current pulse (fig. A) is internally
generated, sent through the speaker(s) and sunk back.The Turn On diagnostic status is internally stored until a
successive diagnostic pulse is requested (after a I2C reading).
If the "stand-by out" and "diag. enable" commands are both given through a single programming step, the pulse
takes place first (power stage still in stand-by mode, low, outputs= high impedance).
Start
Address byte with D0 = 0
ACK
IB1 with D6 = 1
ACK
IB2
ACK
STOP
Start
Address byte with D0 = 1
ACK
DB1
ACK
DB2
ACK
STOP
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
X000XXXX
XXX1XX1X
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
X0XXXXXX
XXX0XXXX
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
XX1XX1XX
XXX1XXXX
Start
Address byte with D0 = 1
ACK
DB1
ACK
DB2
ACK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com