Electronic Components Datasheet Search
  English  ▼

X  

UG10FCT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UG10FCT
Description  Dual Ultrafast Soft Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG10FCT Datasheet(HTML) 2 Page - Vishay Siliconix

  UG10FCT Datasheet HTML 1Page - Vishay Siliconix UG10FCT Datasheet HTML 2Page - Vishay Siliconix UG10FCT Datasheet HTML 3Page - Vishay Siliconix UG10FCT Datasheet HTML 4Page - Vishay Siliconix UG10FCT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UG(F,B)10FCT & UG(F,B)10GCT, BYT28(F,B)-300 & BYT28(F,B)-400
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88552
Revision: 06-Nov-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Automotive grade AEC Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous
forward voltage per diode (1)
IF = 5 A,
IF = 10 A
IF = 5 A
TJ = 25 °C
TJ = 25 °C
TJ = 150 °C
VF
1.30
1.40
1.05
V
Maximum reverse current per
diode at VRRM
TJ = 25 °C
TJ = 100 °C
IR
10
200
µA
Maximum reverse recovery
time per diode
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
35
ns
Maximum reverse recovery
time per diode
IF = 1.0 A, dI/dt = 100 A/µs, VR = 30 V,
Irr = 0.1 IRM
trr
50
ns
Maximum reverse recovery
current per diode
IF = 5 A, dI/dt = 50 A/µs, VR = 30 V,
TC = 100 °C
IRM
3.0
A
Maximum stored
charge per diode
IF = 2 A, dI/dt = 20 A/µs, VR = 30 V,
Irr = 0.1 IRM
Qrr
50
nC
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYT28
UG10
BYT28F
UGF10
BYT28B
UGB10
UNIT
Typical thermal resistance junction to case per diode
RθJC
4.5
6.7
4.5
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
BYT28-400-E3/45
1.80
45
50/tube
Tube
ITO-220AB
BYT28F-400-E3/45
1.95
45
50/tube
Tube
TO-263AB
BYT28B-400-E3/45
1.77
45
50/tube
Tube
TO-263AB
BYT28B-400-E3/81
1.77
81
800/reel
Tape and reel
TO-220AB
BYT28-400HE3/45 (1)
1.80
45
50/tube
Tube
ITO-220AB
BYT28F-400HE3/45 (1)
1.95
45
50/tube
Tube
TO-263AB
BYT28B-400HE3/45 (1)
1.77
45
50/tube
Tube
TO-263AB
BYT28B-400HE3/81 (1)
1.77
81
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com